Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT80C51RA2-3CSCL Datasheet(PDF) 67 Page - International Rectifier

Part # AT80C51RA2-3CSCL
Description  High Performance 8-bit Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AT80C51RA2-3CSCL Datasheet(HTML) 67 Page - International Rectifier

Back Button AT80C51RA2-3CSCL Datasheet HTML 63Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 64Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 65Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 66Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 67Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 68Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 69Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 70Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 71Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 85 page
background image
67
4188E–8051–08/06
AT/TS8xC51Rx2
Table 11-9.
AC Parameters for a Variable Clock: derating formula
11.5.5
External Data Memory Write Cycle
Figure 11-7.
External Data Memory Write Cycle
11.5.6
External Data Memory Read Cycle
Symbol
Type
Standard
Clock
X2 Clock
-M
-V
-L
Units
T
RLRH
Min
6 T - x
3 T - x
20
15
25
ns
T
WLWH
Min
6 T - x
3 T - x
20
15
25
ns
T
RLDV
Max
5 T - x
2.5 T - x
25
23
30
ns
T
RHDX
Min
x
x
000
ns
T
RHDZ
Max2 T - xT - x
20
15
25
ns
T
LLDV
Max
8 T - x
4T -x
40
35
45
ns
T
AVDV
Max
9 T - x
4.5 T - x
60
50
65
ns
T
LLWL
Min
3 T - x
1.5 T - x
25
20
30
ns
T
LLWL
Max
3 T + x
1.5 T + x
25
20
30
ns
T
AVWL
Min
4 T - x
2 T - x
25
20
30
ns
T
QVWX
Min
T - x
0.5 T - x
15
10
20
ns
T
QVWH
Min
7 T - x
3.5 T - x
15
10
20
ns
T
WHQX
Min
T - x
0.5 T - x
10
8
15
ns
T
RLAZ
Max
x
x
000
ns
T
WHLH
Min
T - x
0.5 T - x
15
10
20
ns
T
WHLH
Max
T + x
0.5 T + x
15
10
20
ns
TQVWH
TLLAX
ALE
PSEN
WR
PORT 0
PORT 2
A0-A7
DATA OUT
ADDRESS
OR SFR-P2
TAVWL
TLLWL
TQVWX
ADDRESS A8-A15 OR SFR P2
TWHQX
TWHLH
TWLWH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com