Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STL160N4F7 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STL160N4F7
Description  N-channel 40 V, 2.1 mΩ typ., 120 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL160N4F7 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STL160N4F7 Datasheet HTML 2Page - STMicroelectronics STL160N4F7 Datasheet HTML 3Page - STMicroelectronics STL160N4F7 Datasheet HTML 4Page - STMicroelectronics STL160N4F7 Datasheet HTML 5Page - STMicroelectronics STL160N4F7 Datasheet HTML 6Page - STMicroelectronics STL160N4F7 Datasheet HTML 7Page - STMicroelectronics STL160N4F7 Datasheet HTML 8Page - STMicroelectronics STL160N4F7 Datasheet HTML 9Page - STMicroelectronics STL160N4F7 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Figure 7. Capacitance variations
GIPD301020151418CVR
10 3
10 2
10 1
0
8
16
24
32
40
C
(pF)
V DS (V)
C ISS
C OSS
C RSS
f=1MHz
Figure 8. Normalized gate threshold voltage vs
temperature
GIPD301020151437VTH
1
0.8
0.6
0.4
-75
-25
25
75
125
V GS(th)
(norm.)
T j (°C)
I D = 250 μA
Figure 9. Normalized on-resistance vs temperature
GIPD301020151447RON
1.8
1.4
1
0.6
-75
-25
25
75
125
R DS(on)
(norm.)
T j (°C)
V GS = 10 V
Figure 10. Normalized V(BR)DSS vs temperature
GIPD301020151449BDV
1.04
1
0.96
0.92
-75
-25
25
75
125
V (BR)DSS
(norm.)
T j (°C)
I D = 250 µA
Figure 11. Source-drain diode forward characteristics
GIPD301020151457SDF
0.9
0.8
0.7
0.6
0.5
0.4
0
8
16
24
32
40
V SD
(V)
I SD (A)
T j = -55 °C
T j = 25 °C
T j = 175 °C
STL160N4F7
Electrical characteristics (curves)
DS11024 - Rev 3
page 6/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com