Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STL160N4F7 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STL160N4F7
Description  N-channel 40 V, 2.1 mΩ typ., 120 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL160N4F7 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STL160N4F7 Datasheet HTML 10Page - STMicroelectronics STL160N4F7 Datasheet HTML 11Page - STMicroelectronics STL160N4F7 Datasheet HTML 12Page - STMicroelectronics STL160N4F7 Datasheet HTML 13Page - STMicroelectronics STL160N4F7 Datasheet HTML 14Page - STMicroelectronics STL160N4F7 Datasheet HTML 15Page - STMicroelectronics STL160N4F7 Datasheet HTML 16Page - STMicroelectronics STL160N4F7 Datasheet HTML 17Page - STMicroelectronics STL160N4F7 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
5.3
PowerFLAT 5x6 packing information
Figure 21. PowerFLAT 5x6 tape (dimensions are in mm)
(I) Measured from centreline of sprocket hole
to centreline of pocket.
(II) Cumulative tolerance of 10 sprocket
holes is ±0.20.
(III) Measured from centreline of sprocket
hole to centreline of pocket
Base and bulk quantity 3000 pcs
All dimensions are in millimeters
8234350_Tape_rev_C
Figure 22. PowerFLAT 5x6 package orientation in carrier tape
Pin 1
identification
STL160N4F7
PowerFLAT 5x6 packing information
DS11024 - Rev 3
page 14/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com