Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STL160N4F7 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STL160N4F7
Description  N-channel 40 V, 2.1 mΩ typ., 120 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL160N4F7 Datasheet(HTML) 2 Page - STMicroelectronics

  STL160N4F7 Datasheet HTML 1Page - STMicroelectronics STL160N4F7 Datasheet HTML 2Page - STMicroelectronics STL160N4F7 Datasheet HTML 3Page - STMicroelectronics STL160N4F7 Datasheet HTML 4Page - STMicroelectronics STL160N4F7 Datasheet HTML 5Page - STMicroelectronics STL160N4F7 Datasheet HTML 6Page - STMicroelectronics STL160N4F7 Datasheet HTML 7Page - STMicroelectronics STL160N4F7 Datasheet HTML 8Page - STMicroelectronics STL160N4F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
1
Electrical ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
40
V
VGS
Gate-source voltage
± 20
V
ID (1) (2)
Drain current (continuous) at TC = 25 °C
120
A
ID (2)
Drain current (continuous) at TC = 100 °C
108
A
IDM (3) (2)
Drain current (pulsed)
480
A
PTOT (2)
Total power dissipation at TC= 25 °C
111
W
ID (4)
Drain current (continuous) at Tpcb = 25 °C
32
A
ID (4)
Drain current (continuous) at Tpcb= 100 °C
22
A
IDM (3) (4)
Drain current (pulsed)
128
A
PTOT (4)
Total power dissipation at Tpcb = 25 °C
4.8
W
IAV
Avalanche current
16
A
EAS
Single pulse avalanche energy (Tj= 25 °C, ID= 16A, VDD= 25V)
260
mJ
Tstg
Storage temperature range
-55 to 175
°C
Tj
Operating junction temperature range
1. Drain current is limited by package
2. This value is rated according to Rthj-c
3. Pulse width limited by safe operating area
4. This value is rated according to Rthj-pcb
Table 2. Thermal data
Symbol
Parameter
Value
Unit
Rthj-pcb (1)
Thermal resistance junction-pcb
31.3
°C/W
Rthj-case
Thermal resistance junction-case
1.35
°C/W
1. When mounted on FR-4 board of 1 inch², 2oz Cu, t < 10 sec
STL160N4F7
Electrical ratings
DS11024 - Rev 3
page 2/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com