Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STLD110N10F7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLD110N10F7
Description  N-channel 100 V, 5 mΩ typ., 107 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 dual side cooling package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD110N10F7 Datasheet(HTML) 1 Page - STMicroelectronics

  STLD110N10F7 Datasheet HTML 1Page - STMicroelectronics STLD110N10F7 Datasheet HTML 2Page - STMicroelectronics STLD110N10F7 Datasheet HTML 3Page - STMicroelectronics STLD110N10F7 Datasheet HTML 4Page - STMicroelectronics STLD110N10F7 Datasheet HTML 5Page - STMicroelectronics STLD110N10F7 Datasheet HTML 6Page - STMicroelectronics STLD110N10F7 Datasheet HTML 7Page - STMicroelectronics STLD110N10F7 Datasheet HTML 8Page - STMicroelectronics STLD110N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AM15540v4
D(5, 6, 7, 8)
G(4)
S(1, 2, 3)
Features
Order code
VDS
RDS(on) max.
ID
STLD110N10F7
100 V
6 mΩ
107 A
•
Among the lowest RDS(on) on the market
•
Excellent FoM (figure of merit)
•
Low Crss/Ciss ratio for EMI immunity
•
High avalanche ruggedness
Applications
•
Switching applications
Description
This N-channel Power MOSFET utilizes STripFET™ F7 technology with an
enhanced trench gate structure that results in very low on-state resistance, while also
reducing internal capacitance and gate charge for faster and more efficient switching.
Product status link
STLD110N10F7
Product summary
Order code
STLD110N10F7
Marking
110
Package
PowerFLAT™ 5x6 dual
side cooling
Packing
Tape and reel
N-channel 100 V, 5 mΩ typ., 107 A STripFET™ F7 Power MOSFET in a
PowerFLAT™ 5x6 dual side cooling package
STLD110N10F7
Datasheet
DS11930 - Rev 4 - February 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STLD110N10F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLD1 STMICROELECTRONICS-STLD1 Datasheet
681Kb / 13P
Power-line communication dual line driver
19-Jun-2018
STLD125N4F6AG STMICROELECTRONICS-STLD125N4F6AG Datasheet
632Kb / 12P
Automotive N-channel 40 V, 2.4 mΩ typ., 120 A STripFET™F6 Power MOSFET in a PowerFLAT™5x6 dual side cooling
16-Feb-2016
STLD128DNT4 STMICROELECTRONICS-STLD128DNT4 Datasheet
425Kb / 14P
High voltage fast-switching NPN power transistor
01-Oct-2009
STLD1TR STMICROELECTRONICS-STLD1TR Datasheet
681Kb / 13P
Power-line communication dual line driver
19-Jun-2018
More results

Similar Description - STLD110N10F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL45N10F7AG STMICROELECTRONICS-STL45N10F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 100 V, 20 mΩ typ., 18 A, STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
16-Feb-2017
STL36DN6F7 STMICROELECTRONICS-STL36DN6F7 Datasheet
760Kb / 16P
Dual N-channel 60 V, 23 mΩ typ., 33 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 double island package
10-May-2017
STL105N4LF7AG STMICROELECTRONICS-STL105N4LF7AG Datasheet
936Kb / 15P
Automotive-grade N-channel 40 V, 3.0 mΩ typ., 105 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
18-Jan-2018
STL12N10F7 STMICROELECTRONICS-STL12N10F7 Datasheet
587Kb / 13P
N-channel 100 V, 11.3 mΩ typ., 12 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 3.3x3.3 package
14-Jun-2018
STL200N45LF7 STMICROELECTRONICS-STL200N45LF7 Datasheet
892Kb / 14P
N-channel 45 V, 1.4 mΩ typ., 120 A STripFET ™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
10-Jun-2016
STL220NS6F7 STMICROELECTRONICS-STL220NS6F7 Datasheet
706Kb / 13P
N-channel 60 V, 1.4 mΩ typ., 250 A STripFET™ F7 Power MOSFET plus monolithic Schottky in a PowerFLAT™ 5x6
20-Aug-2015
STL260N4F7 STMICROELECTRONICS-STL260N4F7 Datasheet
850Kb / 16P
N-channel 40 V, 0.9 mΩ typ., 120 A, STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
03-Apr-2019
STL285N4F7AG STMICROELECTRONICS-STL285N4F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 40 V, 0.9 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
09-Jun-2016
STL50N6F7 STMICROELECTRONICS-STL50N6F7 Datasheet
866Kb / 14P
N-channel 60 V, 9 mΩ typ., 60 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
12-Nov-2015
STL90N10F7 STMICROELECTRONICS-STL90N10F7_V01 Datasheet
842Kb / 16P
N-channel 100 V, 7 mΩ typ., 70 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
10-Feb-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com