Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STLD110N10F7 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STLD110N10F7
Description  N-channel 100 V, 5 mΩ typ., 107 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 dual side cooling package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD110N10F7 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STLD110N10F7 Datasheet HTML 5Page - STMicroelectronics STLD110N10F7 Datasheet HTML 6Page - STMicroelectronics STLD110N10F7 Datasheet HTML 7Page - STMicroelectronics STLD110N10F7 Datasheet HTML 8Page - STMicroelectronics STLD110N10F7 Datasheet HTML 9Page - STMicroelectronics STLD110N10F7 Datasheet HTML 10Page - STMicroelectronics STLD110N10F7 Datasheet HTML 11Page - STMicroelectronics STLD110N10F7 Datasheet HTML 12Page - STMicroelectronics STLD110N10F7 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Revision history
Table 8. Document revision history
Date
Revision
Changes
16-Nov-2016
1
First release
19-Dec-2016
2
Updated title and features in cover page.
Minor text changes.
09-Apr-2018
3
Removed maturity status indication from cover page. The document status is preliminary data.
Updated Table 6. Source-drain diode and inserted Section 2.1 Electrical characteristics (curves).
Inserted Section 4.2 PowerFLAT™ 5x6 dual side cooling packing information.
26-Feb-2019
4
Modified Table 3. On/off states.
Minor text changes.
STLD110N10F7
DS11930 - Rev 4
page 11/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com