Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P5DF081UA/T1AD2060 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # P5DF081UA/T1AD2060
Description  MIFARE secure access module SAM AV2
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5DF081UA/T1AD2060 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button P5DF081UA/T1AD2060 Datasheet HTML 4Page - NXP Semiconductors P5DF081UA/T1AD2060 Datasheet HTML 5Page - NXP Semiconductors P5DF081UA/T1AD2060 Datasheet HTML 6Page - NXP Semiconductors P5DF081UA/T1AD2060 Datasheet HTML 7Page - NXP Semiconductors P5DF081UA/T1AD2060 Datasheet HTML 8Page - NXP Semiconductors P5DF081UA/T1AD2060 Datasheet HTML 9Page - NXP Semiconductors P5DF081UA/T1AD2060 Datasheet HTML 10Page - NXP Semiconductors P5DF081UA/T1AD2060 Datasheet HTML 11Page - NXP Semiconductors P5DF081UA/T1AD2060 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
NXP Semiconductors
P5DF081_SDS
MIFARE secure access module SAM AV2
ISO/IEC 7816
MIFARE SAM AV2
Pad Symbol
Symbol
Pad
Description
C7
IO1
IO1
C7
input/output for serial data (host communication)
C8
reserved
IO2
C8
used for I2C communication to RC52x or RC663
Table 3. Pin description PCM 1.1 MIFARE SAM AV2...continued
HVQFN32
MIFARE SAM AV2
Pad Symbol
Symbol
Pad
Description
1
VSS
GND
1
ground (reference voltage) input
2
n.c.
n.c.
2
not connected
3
IO3
IO3
3
used for I2C communication to RC
4
n.c.
n.c.
4
not connected
5
IO1
IO1
5
input/output for serial data (host communication)
6
LB
n/a
6
not used
7
IO2
IO2
7
used for I2C communication to RC (SDATA)
8
DM
n/a
8
not used
9
n.c.
n.c.
9
not connected
10
n.c.
n.c.
10
not connected
11
n.c.
n.c.
11
not connected
12
n.c.
n.c.
12
not connected
13
n.c.
n.c.
13
not connected
14
n.c.
n.c.
14
not connected
15
n.c.
n.c.
15
not connected
16
n.c.
n.c.
16
not connected
17
DP
n/a
17
not used
18
CLK
CLK_N
18
clock input
19
n.c.
n.c.
19
not connected
20
n.c.
n.c.
20
not connected
21
n.c.
n.c.
21
not connected
22
RSTN
RST_N
22
reset input, active LOW
23
LA
n/a
23
not used
24
VCC
VCC
24
power supply voltage input
Table 4. Pin description HVQFN32 MIFARE SAM AV2
P5DF081_SDS
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product short data sheet
Rev. 3.3 — 13 September 2023
8 / 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com