Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

4525DO-SS3AS015AP Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 4525DO-SS3AS015AP
Description  SPECIFICATIONS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4525DO-SS3AS015AP Datasheet(HTML) 3 Page - TE Connectivity Ltd

  4525DO-SS3AS015AP Datasheet HTML 1Page - TE Connectivity Ltd 4525DO-SS3AS015AP Datasheet HTML 2Page - TE Connectivity Ltd 4525DO-SS3AS015AP Datasheet HTML 3Page - TE Connectivity Ltd 4525DO-SS3AS015AP Datasheet HTML 4Page - TE Connectivity Ltd 4525DO-SS3AS015AP Datasheet HTML 5Page - TE Connectivity Ltd 4525DO-SS3AS015AP Datasheet HTML 6Page - TE Connectivity Ltd 4525DO-SS3AS015AP Datasheet HTML 7Page - TE Connectivity Ltd 4525DO-SS3AS015AP Datasheet HTML 8Page - TE Connectivity Ltd 4525DO-SS3AS015AP Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MS4525DO
SENSOR SOLUTIONS /// MS4525DO
04/2019
Page 3
ABSOLUTE MAXIMUM RATINGS
Parameter
Conditions
Min
Max
Unit
Notes
Supply Voltage
TA = 25 °C
2.7
5.5
V
Output Current
TA = 25°C
3
mA
Storage Temperature
-40
+125
°C
Humidity
TA = 25°C
95
%RH
Non Condensing
Overpressure
TA = 25 °C, both Ports
Not to Exceed 300
psi
Burst Pressure
TA = 25 °C, Port 1
psi
See Table 1
ESD
HBM
-4
+4
kV
EN 61000-4-2
Solder Temperature
250°C, 5 sec max.
TABLE 1- BURST PRESSURE BY RANGE AND PACKAGE STYLE
ENVIRONMENTAL SPECIFICATIONS
Range
DS
SS, TP, MM
Unit
001
20
20
psi
002
20
20
psi
005
15
20
psi
015
45
90
psi
030
90
200
psi
050
150
300
psi
100
300
300
psi
150
300
300
psi
Parameter
Conditions
Mechanical Shock
Mil Spec 202F, Method 213B, Condition C, 3 Drops
Mechanical Vibration
Mil Spec 202F, Method 214A, Condition 1E, 1Hr Each Axis
Thermal Shock
100 Cycles over Storage Temperature, 30 minute dwell
Life
1 Million FS Cycles
MTTF
>10Yrs, 70 ºC, 1.188 Million Pressure Cycles, 120%FS Pressure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com