Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

4525DO-SS3AS015AP Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 4525DO-SS3AS015AP
Description  SPECIFICATIONS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4525DO-SS3AS015AP Datasheet(HTML) 4 Page - TE Connectivity Ltd

  4525DO-SS3AS015AP Datasheet HTML 1Page - TE Connectivity Ltd 4525DO-SS3AS015AP Datasheet HTML 2Page - TE Connectivity Ltd 4525DO-SS3AS015AP Datasheet HTML 3Page - TE Connectivity Ltd 4525DO-SS3AS015AP Datasheet HTML 4Page - TE Connectivity Ltd 4525DO-SS3AS015AP Datasheet HTML 5Page - TE Connectivity Ltd 4525DO-SS3AS015AP Datasheet HTML 6Page - TE Connectivity Ltd 4525DO-SS3AS015AP Datasheet HTML 7Page - TE Connectivity Ltd 4525DO-SS3AS015AP Datasheet HTML 8Page - TE Connectivity Ltd 4525DO-SS3AS015AP Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MS4525DO
SENSOR SOLUTIONS /// MS4525DO
04/2019
Page 4
PERFORMANCE SPECIFICATIONS
Supply Voltage1: 5.0V or 3.3 VDC
Reference Temperature: 25°C (unless otherwise specified)
PARAMETERS
MIN
TYP
MAX
UNITS
NOTES
Accuracy
-0.25
0.25
% SPAN
2
Total Error Band
-1
1
% SPAN
3,7
Burst pressure
SEE TABLE 1
Common mode pressure
NOT TO EXCEED 300 PSI
Load Resistance (RL)
10
k
Ω
Long term stability (offset & span)
±0.5
% SPAN
Compensated Temperature
-10
85
oC
Operating Temperature
-25
105
oC
Weight
3
grams
Update time
0.5
ms
6
Start time to data ready
8.4
ms
6
Solder temperature
250oC MAX 5 SEC.
Media
Non-Corrosive Dry Gases Compatible with Ceramic, Silicon, Borosilicate Glass,
RTV, Gold, Aluminum and Epoxy. See “Wetted Material by Port Designation” chart
below.
Notes
1. Proper operation requires an external capacitor placed as shown in Connection Diagram. Output is not ratiometric to supply voltage.
2. The maximum deviation from a best fit straight line (BFSL) fitted to the output measured over the pressure range at 25C. Includes all
errors due to pressure non linearity, hysteresis, and non repeatability.
3. Total pressure error band includes all accuracy errors, thermal errors over the compensated temperature range and span and offset
calibration tolerances. For ideal sensor output with respect to input pressure and temperature, reference Transfer Function charts below.
TEB values are valid only at the calibrated supply voltage.
4. The deviation from a best fit straight line (BFSL) fitted to the output measured over the compensated temperature range.
5. For errors beyond the compensated temperature range, see Extended Temperature Multiplier chart below.
6. Start time to data ready is the time to get valid data after POR (power on reset). The time to get subsequent valid data is then specified
by the update time specification.
7. This product can be configured for custom OEM requirements, contact factory for lower power consumption or higher accuracy.
CONNECTION DIAGRAM
Notes
1.
Place 100nF capacitor between Supply and GND to within 2 cm of sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com