Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

4525DO-SS3AS015AP Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 4525DO-SS3AS015AP
Description  SPECIFICATIONS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4525DO-SS3AS015AP Datasheet(HTML) 1 Page - TE Connectivity Ltd

  4525DO-SS3AS015AP Datasheet HTML 1Page - TE Connectivity Ltd 4525DO-SS3AS015AP Datasheet HTML 2Page - TE Connectivity Ltd 4525DO-SS3AS015AP Datasheet HTML 3Page - TE Connectivity Ltd 4525DO-SS3AS015AP Datasheet HTML 4Page - TE Connectivity Ltd 4525DO-SS3AS015AP Datasheet HTML 5Page - TE Connectivity Ltd 4525DO-SS3AS015AP Datasheet HTML 6Page - TE Connectivity Ltd 4525DO-SS3AS015AP Datasheet HTML 7Page - TE Connectivity Ltd 4525DO-SS3AS015AP Datasheet HTML 8Page - TE Connectivity Ltd 4525DO-SS3AS015AP Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SENSOR SOLUTIONS /// MS4525DO
04/2019
Page 1
MS4525DO
SPECIFICATIONS
PCB Mounted Digital Output Transducer
Combination Temperature and Pressure
I2C or SPI Protocol
Differential, Gage, Absolute, Compound, &
Vacuum
Temperature Compensated
3.3 or 5.0 VDC Supply Voltage
Low Power Option Available (standby < 1µA)
The MS4525DO is a small, ceramic based, PCB mounted
pressure transducer from TE Connectivity. The transducer is built
using our
proprietary UltraStable™ process and the latest CMOS
sensor conditioning circuitry to create a low cost, high
performance digital output pressure (14bit) and temperature
(11bit) transducer designed to meet the strictest requirements
from OEM customers.
The MS4525DO is fully calibrated and temperature compensated
with a total error band (TEB) of less than 1.0% over the
compensated pressure range. The sensor operates from single
supply of either 3.3 or 5.0VDC and requires a single external
component for proper operation
The rugged ceramic transducer is available in side port, top port,
and manifold mount and can measure absolute, gauge,
differential, vacuum or compound pressure from 1 to 150psi. The
1/8” barbed pressure ports mate securely with 3/32” ID tubing.
FEATURES
PSI Pressure Ranges
PCB Mountable
Digital Output
Barbed Pressure Ports
APPLICATIONS
Blocked Filter Detection
Altitude and Airspeed Measurements
Medical Instruments
Fire Suppression System
Panel Meter
Air Movement/Environmental Controls
Pneumatic Controls


Similar Part No. - 4525DO-SS3AS015AP

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
4525DO-SS3AS015A TEC-4525DO-SS3AS015A Datasheet
901Kb / 19P
PCB Mounted Digital Output Transducer
04/2019
More results

Similar Description - 4525DO-SS3AS015AP

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
SM06103370 AMETHERM-SM06103370 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM06154450 AMETHERM-SM06154450 Datasheet
97Kb / 2P
Electrical Specifications: Mechanical Specifications:
SM06223395-HT AMETHERM-SM06223395-HT Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM06503395 AMETHERM-SM06503395 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM06503410 AMETHERM-SM06503410 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM06623410 AMETHERM-SM06623410 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM08103350 AMETHERM-SM08103350 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM08103370 AMETHERM-SM08103370 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM08103395 AMETHERM-SM08103395 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM08154410 AMETHERM-SM08154410 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com