Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OVR40150SPTS Datasheet(PDF) 19 Page - ABB

Part # OVR40150SPTS
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OVR40150SPTS Datasheet(HTML) 19 Page - ABB

Back Button OVR40150SPTS Datasheet HTML 15Page - ABB OVR40150SPTS Datasheet HTML 16Page - ABB OVR40150SPTS Datasheet HTML 17Page - ABB OVR40150SPTS Datasheet HTML 18Page - ABB OVR40150SPTS Datasheet HTML 19Page - ABB OVR40150SPTS Datasheet HTML 20Page - ABB OVR40150SPTS Datasheet HTML 21Page - ABB OVR40150SPTS Datasheet HTML 22Page - ABB OVR40150SPTS Datasheet HTML 23Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 62 page
background image
Surge
Pr
otective
Devices
Low Voltage Products & Systems
16.17
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
1SXU000023C0202 Rev. A
16
16
Product selection
OVR DIN rail SPD
One pole
Catalog number
Service voltage 1)
Max. discharge
current
(Imax, 8/20µs, kA)
Aux. contact -
remote monitoring
Replacement
cartridge
OVRT215150PU
120V Single Phase, 240/120V Split Phase, 208/120V Wye
15
No
OVRT215150CU
OVRT215320PU
240/120V HLD, 240V Delta, 240V Single Phase, 277V Single Phase,
480/240V Split Phase, 480/277V Wye
15
No
OVRT215320CU
OVRT240150PU
120V Single Phase, 240/120V Split Phase, 208/120V Wye
40
No
OVRT240150CU
OVRT240150PTSU
120V Single Phase, 240/120V Split Phase, 208/120V Wye
40
Yes
OVRT240150CU
OVRT240320PU
240/120V HLD, 240V Delta, 240V Single Phase, 277V Single Phase,
480/240V Split Phase, 480/277V Wye
40
No
OVRT240320CU
OVRT240320PTSU
240/120V HLD, 240V Delta, 240V Single Phase, 277V Single Phase,
480/240V Split Phase, 480/277V Wye
40
Yes
OVRT240320CU
OVRT240440PTSU
600/347V Wye
40
Yes
OVRT240440CU
OVRT240550PTSU
480V Delta
40
Yes
OVRT240550CU
OVRT240660PTSU
600V Delta
40
Yes
OVRT240660CU
1) May require multiple SPDs
Two pole
Catalog number
Service voltage 1)
Max. discharge
current
(Imax, 8/20µs, kA)
Aux. contact -
remote monitoring
Replacement
cartridge 2)
OVRT22L15150PU
120V Single phase, 240/120V Split phase, 208/120V Wye
15
No
OVRT215150CU
OVRT22L15320PU
240/120V HLD, 240V Delta, 240V Single phase, 277V Single phase,
480/240V Split phase, 480/277V Wye
15
No
OVRT215320CU
OVRT22L40150PTSU 120V Single phase, 240/120V Split phase, 208/120V Wye
40
Yes
OVRT240150CU
OVRT22L40320PTSU
240/120V HLD, 240V Delta, 240V Single phase, 277V Single phase,
480/240V Split phase, 480/277V Wye
40
Yes
OVRT240320CU
1) May require multiple SPDs
2) May require up to two replacement cartridges
Three pole
Catalog number
Service voltage 1)
Max. discharge
current
(Imax, 8/20µs, kA)
Aux. contact -
remote monitoring
Replacement
cartridge 2)
OVRT23L15150PU
240/120V Split phase, 208/120V Wye
15
No
OVRT215150CU
OVRT23L15320PU
240/120V HLD, 240V Delta, 480/240V Split phase,
480/277V Wye
15
No
OVRT215320CU
OVRT23L40150PTSU 240/120V Split phase, 208/120V Wye
40
Yes
OVRT240150CU
OVRT23L40320PTSU
240/120V HLD, 240V Delta, 480/240V Split phase,
480/277V Wye
40
Yes
OVRT240320CU
OVRT23L40440PTSU 240V Delta, 480/240V Split phase, 600/347V Wye
40
Yes
OVRT240440CU
OVRT23L40550PTSU 480V Delta
40
Yes
OVRT240550CU
1) May require multiple SPDs
2) May require up to three replacement cartridges
Consult the Service Voltage and Location table on page 16.16 for proper SPD selection. The following
tables also present information on service voltage compatibility. Please note that multiple SPDs may be
required depending on service voltage. Contact ABB Technical Support with any questions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com