Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OVR40150SPTS Datasheet(PDF) 32 Page - ABB

Part # OVR40150SPTS
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OVR40150SPTS Datasheet(HTML) 32 Page - ABB

Back Button OVR40150SPTS Datasheet HTML 28Page - ABB OVR40150SPTS Datasheet HTML 29Page - ABB OVR40150SPTS Datasheet HTML 30Page - ABB OVR40150SPTS Datasheet HTML 31Page - ABB OVR40150SPTS Datasheet HTML 32Page - ABB OVR40150SPTS Datasheet HTML 33Page - ABB OVR40150SPTS Datasheet HTML 34Page - ABB OVR40150SPTS Datasheet HTML 35Page - ABB OVR40150SPTS Datasheet HTML 36Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
Residual
Curr
ent
Devices
16.30
Low Voltage Products & Systems
1SXU000023C0202 Rev. A
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
16
16
F200AC
F200 Series
AC Type
F202AC
F204AC
13
2/14/3
5
6/5
24
6
In=63 A
Y1 Y2
1/23/4
2/14/3
5/6
6/5
In=50-63 A
Y1 Y2
1/23/4 5/6
1/23/4 5/67/8
1/23/4 5/67/8
1/23/4
1/23/4
1/23/4
In up to 40A
13
2/14/3
5
6/5
24
6
In=63 A
Y1 Y2
1/23/4
2/14/3
5/6
6/5
In=50-63 A
Y1 Y2
1/23/4 5/6
1/23/4 5/67/8
1/23/4 5/67/8
1/23/4
1/23/4
1/23/4
In up to 40A
F202AC
F204AC
Type AC
• Suitable for protection against AC earth
leakage current
• 2 & 4 poles
• 16-125 A range
• Can be used as a main device providing
ground fault protection against earth
leakage for several MCB branch devices
Technical data
Technical data – See page 16.36
No. of
poles
Rated
residual
current
mA
Rated
current
A
Catalog number
2
10
16
F202AC-16/0.01
30
25
F202AC-25/0.03
40
F202AC-40/0.03
63
F202AC-63/0.03
80
F202AC-80/0.03
100
F202AC-100/0.03
100
25
F202AC-25/0.1
40
F202AC-40/0.1
63
F202AC-63/0.1
80
F202AC-80/0.1
100
F202AC-100/0.1
300
25
F202AC-25/0.3
40
F202AC-40/0.3
63
F202AC-63/0.3
80
F202AC-80/0.3
100
F202AC-100/0.3
500
25
F202AC-25/0.5
40
F202AC-40/0.5
63
F202AC-63/0.5
80
F202AC-80/0.5
100
F202AC-100/0.5
No. of
poles
Rated
residual
current
mA
Rated
current
A
Catalog number
4
30
25
F204AC-25/0.03
40
F204AC-40/0.03
63
F204AC-63/0.03
80
F204AC-80/0.03
100
F204AC-100/0.03
125
F204AC-125/0.03 1
100
25
F204AC-25/0.1
40
F204AC-40/0.1
63
F204AC-63/0.1
80
F204AC-80/0.1
100
F204AC-100/0.1
125
F204AC-125/0.1 1
300
25
F204AC-25/0.3
40
F204AC-40/0.3
63
F204AC-63/0.3
80
F204AC-80/0.3
100
F204AC-100/0.3
125
F204AC-125/0.3 1
500
25
F204AC-25/0.5
40
F204AC-40/0.5
63
F204AC-63/0.5
80
F204AC-80/0.5
100
F204AC-100/0.5
125
F204AC-125/0.5 1
1 125A versions are not UL approved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com