Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OVR40150SPTS Datasheet(PDF) 45 Page - ABB

Part # OVR40150SPTS
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OVR40150SPTS Datasheet(HTML) 45 Page - ABB

Back Button OVR40150SPTS Datasheet HTML 41Page - ABB OVR40150SPTS Datasheet HTML 42Page - ABB OVR40150SPTS Datasheet HTML 43Page - ABB OVR40150SPTS Datasheet HTML 44Page - ABB OVR40150SPTS Datasheet HTML 45Page - ABB OVR40150SPTS Datasheet HTML 46Page - ABB OVR40150SPTS Datasheet HTML 47Page - ABB OVR40150SPTS Datasheet HTML 48Page - ABB OVR40150SPTS Datasheet HTML 49Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
Low Voltage Products & Systems
16.43
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
1SXU000023C0202 Rev. A
Fuse
holders
&
fuse
disconnectors
16
16
1P
1P+N
2P
3P
3P+N
4P
1P+N
1P
3P+N
2P
E 90 Fuse switch disconnectors
Technical data
Electrical symbols
Materials
Plastic parts
Case:
Material PA 6 +30% glass fibre
Self extinguishing class: V2 (UL94)
Temperature resistance: 130 °C
Opening handle
Material PA 66 +25% glass fibre
Self-extinguishing class V0 (UL94)
Temperature resistance: 140 °C
Metal parts
Clips
Silver plated copper
Clip spring
Stainless steel
Terminals
Galvanized steel
The E 90 series is environmental friendly and protects the health of people: all used materials are conform to the RoHS and REACH
directives and they completely exclude hazardous substances and halogen.
Utilization category
Current type
Utilization category
Typical applications
Alternating current
AC-20A - AC-20B
Connecting and disconnecting under no load (in this case the
devices must be marked “Do not disconnect under load”)
AC-21A - AC-21B
Switching of resistive loads, including moderate overloads
AC-22A - AC-22B
Switching of mixed resistive/inductive loads,
Including moderate overloads
AC-23A - AC-23B
Switching of motors and other highly inductive loads
Direct current
DC-20A - DC-20B
Connecting and disconnecting under no load (in this case
the devices must be marked “Do not open under load”)
DC-21A - DC-21B
Switching of resistive loads, including moderate overloads
DC-22A - DC-22B
Switching of mixed resistive / inductive loads,
including moderate overloads
DC-23A - DC-23B
Switching of motors or other highly inductive loads
Suffix A
Frequent use
Suffix B
Infrequent use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com