Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GV1G09 Datasheet(PDF) 19 Page - Schneider Electric

Part # GV1G09
Description  Variable speed drives Altivar Machine
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV1G09 Datasheet(HTML) 19 Page - Schneider Electric

Back Button GV1G09 Datasheet HTML 15Page - Schneider Electric GV1G09 Datasheet HTML 16Page - Schneider Electric GV1G09 Datasheet HTML 17Page - Schneider Electric GV1G09 Datasheet HTML 18Page - Schneider Electric GV1G09 Datasheet HTML 19Page - Schneider Electric GV1G09 Datasheet HTML 20Page - Schneider Electric GV1G09 Datasheet HTML 21Page - Schneider Electric GV1G09 Datasheet HTML 22Page - Schneider Electric GV1G09 Datasheet HTML 23Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
18
Presentation,
description
references
Variable speed drives
Altivar Machine ATV320
Option: Configuration and runtime tool
Presentation:
page 4
Variable speed drives:
page 12
Combinations:
page 22
Dimensions:
page 44
Detected fault: The screen’s red backlight is activated
automatically
Graphic display terminal
This terminal can be:
b
Connected and mounted on the front of the drive
b
Connected and mounted on an enclosure door using a remote mounting accessory
b
Connected to a PC to exchange files via a Mini USB/USB connection (1)
b
Connected to several drives in multidrop mode (see page 17)
This terminal is used to:
b
Control, adjust, and configure the drive
b
Display current values (motor, I/O, and process data)
b
Store and download configurations (several configuration files can be stored in
the 16 MB memory)
b
Duplicate the configuration of one powered-up drive on another powered-up
drive
b
Copy configurations from a PC or drive and duplicate them on another drive (the
drives must be powered on for the duration of the duplication operations)
Other characteristics:
b
Up to 24 languages (complete alphabets) covering the majority of countries
around the world (languages can be removed, added, and updated according to
user requirements; please consult our website www.schneider-electric.com)
b
2-color backlit display (white and red); if an error is detected, the red backlight is
activated automatically (function can be disabled)
b
Operating range: -15…50 °C/+5…122 °F
b
Degree of protection: IP 65
Description
Display:
b
8 lines, 240 x 160 pixels
b
Displays bar charts, gauges, and trend charts
b
4 function keys to facilitate navigation and provide contextual links for enabling
functions
b
“STOP/RESET” button: Local control of motor stop command/clearing detected
faults
b
“RUN” button: Local control of motor run command
b
Navigation buttons:
- OK button: Saves the current value (ENT)
- Turn ±: Increases or decreases the value, goes to the next or previous line
- “ESC” button: Aborts a value, parameter, or menu to return to the previous
selection
- Home: Root menu
- Information (i): Contextual help
Reference
Description
Reference
Weight
kg/lb
Graphic display terminal
VW3A1111
0.200/0.441
(1) Graphic display terminal used only as a handheld terminal.
Graphic display terminal VW3A1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com