Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GV1G09 Datasheet(PDF) 20 Page - Schneider Electric

Part # GV1G09
Description  Variable speed drives Altivar Machine
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV1G09 Datasheet(HTML) 20 Page - Schneider Electric

Back Button GV1G09 Datasheet HTML 16Page - Schneider Electric GV1G09 Datasheet HTML 17Page - Schneider Electric GV1G09 Datasheet HTML 18Page - Schneider Electric GV1G09 Datasheet HTML 19Page - Schneider Electric GV1G09 Datasheet HTML 20Page - Schneider Electric GV1G09 Datasheet HTML 21Page - Schneider Electric GV1G09 Datasheet HTML 22Page - Schneider Electric GV1G09 Datasheet HTML 23Page - Schneider Electric GV1G09 Datasheet HTML 24Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
19
Presentation,
description
references
Variable speed drives
Altivar Machine ATV320
Option: Configuration and runtime tool
Presentation:
page 4
Variable speed drives:
page 12
Combinations:
page 22
Dimensions:
page 44
Remote mounting kit for mounting graphic display terminal
on enclosure door (front panel)
1
3
2
4
Remote mounting kit for graphic display terminal (rear panel)
1
4
5
6
7
2
Accessories for graphic display terminal
Remote mounting kit for mounting on enclosure door with IP 65/UL Type 12 degree
of protection as standard
The kit comprises: Tightening tool (also sold separately under the reference
ZB5AZ905)
1 Cover plate to maintain IP 65 protection when there is no terminal connected
2 Mounting plate
3 RJ45 port for the graphic display terminal
4 Seal
5 Fixing nut
6 Anti-rotation pin
7 RJ45 port for connecting the remote-mounting cordset (10 m/32.81 ft maximum)
Cordsets should be ordered separately depending on the length required.
8 Grounding connector
Drilling a hole with a standard Ø 22 tool, as used for a pushbutton, allows the unit to
be mounted without needing a cut-out in the enclosure (Ø 22.5 mm/Ø 0.89 in. drill
hole).
References
Description
Length
m/ ft
IP
Reference
Weight
kg/lb
Remote mounting kit
Order with remote-mounting
cordset
VW3A1104Rppp
–
65/UL
Type 12
VW3A1112
–
Tightening tool
for remote mounting kit
–
–
ZB5AZ905
0.016/0.035
Remote-mounting cordset
equipped with 2
RJ45 connectors
1/ 3.28
–
VW3A1104R10
0.050/0.110
3/ 9.84
–
VW3A1104R30
0.150/0.331
5/ 16.40
–
VW3A1104R50
0.250/0.551
10/ 32.81
–
VW3A1104R100
0.500/1.102
USB/RJ45 cable
equipped with a USB connector
and an RJ45 connector.
For connecting a PC to the drive
2.5 / 8.20
–
TCSMCNAM3M002P
–
IP 65 remote mounting kit for
Ethernet port (1)
Ø 22 RJ45 female/female
adapter with seal
–
65
VW3A1115
0.200/0.441
Set of 10 x IP55 shutters for
drives: to keep IP55 protection
level when the graphic display
terminal is removed
–
55
VW3A1116
0.640/1.411
Communication accessory
Description
Reference
Weight
kg/lb
IP 20 Wi-Fi dongle
Remote mounting of the Ethernet port for connection of
Wi-Fi equipment (PC, tablet, smartphone, etc.) powered by
internal rechargeable battery
TCSEGWB13FA0
0.350/0.772
Multidrop connection accessories
These accessories are used to connect a graphic display terminal to several drives
via a multidrop link. This multidrop connection uses the RJ45 terminal port on the
front of the drive. See page 17
(1) Used to connect a remote PC to the RJ45 port on an IP 21 drive mounted in an enclosure or
on a wall. Drill hole with a standard Ø 22 tool, as used for a pushbutton.(Requires a
remote-mounting cordset VW3A1104Rp0p equipped with 2 RJ45 connectors).
ZB5AZ905
VW3A1115
VW3A1116
TCSEGWB13FA0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com