Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GV1G09 Datasheet(PDF) 15 Page - Schneider Electric

Part # GV1G09
Description  Variable speed drives Altivar Machine
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV1G09 Datasheet(HTML) 15 Page - Schneider Electric

Back Button GV1G09 Datasheet HTML 11Page - Schneider Electric GV1G09 Datasheet HTML 12Page - Schneider Electric GV1G09 Datasheet HTML 13Page - Schneider Electric GV1G09 Datasheet HTML 14Page - Schneider Electric GV1G09 Datasheet HTML 15Page - Schneider Electric GV1G09 Datasheet HTML 16Page - Schneider Electric GV1G09 Datasheet HTML 17Page - Schneider Electric GV1G09 Datasheet HTML 18Page - Schneider Electric GV1G09 Datasheet HTML 19Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
14
References (continued)
Variable speed drives
Altivar Machine ATV320
Accessories
Presentation:
page 4
Dialog, configuration tools:
page 16
Combinations:
page 22
Dimensions:
page 44
VW3A980p
Accessories
Description
For use with
Minimum
order
quantity
Reference
Weight
kg/
lb
Components for mounting GV2 circuit-breaker directly on ATV320 drive
Bracket for GV2/ATV320 direct mounting
Mechanical bracket for holding the GV2 circuit-
breaker in place when directly mounted on the
ATV320 drive.
Requires a GV2AF4 adapter plate for electrical
connection, to be ordered separately
ATV320pppM2B
ATV320U04N4B...U40N4B
10
VW3A9921
0.075/
0.165
Adapter plate
Provides the electrical link between the GV2
circuit-breaker and the ATV320 drive when the GV2 is
directly mounted on the ATV320.
Requires a VW3A9921 bracket for direct mounting, to
be ordered separately.
ATV320pppM2B
ATV320U02N4B...U40N4B
10
GV2AF4
0.016/
0.035
Mounting the control module at 90°
Adapter for mounting the control module at 90°
This is used to mount the power module on the side,
keeping the control module visible and accessible.
ATV320pppM2B
ATV320U04N4B...U40N4B
VW3A9920
0.125/
0.276
Daisy chain connection of the DC bus (1)
The DC bus is connected in a daisy chain in the following cases:
■ Drives powered by the AC supply with parallel connection of the DC bus in order to balance the loads during braking phases
between the drives; used in addition to braking resistors (see page 26)
■ Drives powered by the DC bus only
Requires the connection accessories listed below:
Description
Use
Length
Sold in lots
of
Unit Reference
Weight
kg/
lb
From
To
m/ft
Cordset (1)
equipped with 2 connectors
ATV320ppppM2B
ATV320ppppM2B
0.1/
0.33
5
VW3M7101R01
–
ATV320ppppN4B
ATV320ppppN4B
Shielded cable
ATV320ppppM2B
ATV320ppppM2B
15/
49.21
1
VW3M7102R150
–
ATV320ppppN4B
ATV320ppppN4B
Connection kit
for VW3M7102R150 cable
–
–
–
10
VW3M2207
–
Shielding connection clamp
Description
For use with
Sold in lots
of
Unit Reference
Weight
kg/
lb
Shielding connection clamps
Attachment and earthing of the cable
shielding
Pack of 25 clamps including:
■ 20 clamps for Ø 4.8 mm (0.19 in.) cable
■ 5 clamps for Ø 7.9 mm (0.31 in.) cable
ATV320pppppp
25
TM200RSRCEMC
–
DIN rail mounting kit
Description
For use with
Reference
Weight
kg/
lb
Plates for mounting on DIN rail
width 35 mm (1.38 in.)
ATV320U02MpC...ATV320U07MpC
VW3A9804
0.290/
0.639
ATV320U11MpC...ATV320U22MpC,
ATV320U04N4C...ATV320U15N4C,
ATV320U07S6C, ATV320U15S6C
VW3A9805
0.385/
0.849
(1) Setting up several devices on the DC bus requires special precautions; please refer to the installation manual available on our
website www.schneider-electric.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com