Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8593SEFT/V Datasheet(PDF) 53 Page - Wolfson Microelectronics plc

Part # WM8593SEFT/V
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593SEFT/V Datasheet(HTML) 53 Page - Wolfson Microelectronics plc

Back Button WM8593SEFT/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 50Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 51Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 52Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 56Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 57Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 98 page
background image
Product Preview
WM8593
w
PP Rev 1.0 January 2007
53
USING GPIO PINS AS ADDITIONAL DATA PINS
There are two GPIO pins, GPIO1 and GPIO2, which can be used as additional pins to connect to
external devices. GPIO1 is controlled by GPIO1_SEL[2:0] and GPIO2 by GPIO2_SEL[2:0].
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3:1
GPIO1_
SEL[2:0]
000
GPIO1 Pin Function Select
000 = Source DIO1
001 = Source DIO2
010 = Source DIO3
011 = Source DIO4
100 = Source DIO5
101 = Input to WM8593
110 = Source GPIO2
111 = Source ADC Data Output
R45
AIF_MUX9
2Dh
10
GPIO1_
UPD
0
GPIO1 Update
0 = Latch corresponding GPIO1 settings into
Register Map but do not update
1 = Latch corresponding GPIO1 settings into
Register Map and update
Table 41 GPIO1 Audio Interface Mux Configuration
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3:1
GPIO2_
SEL[2:0]
000
GPIO2 Pin Function Select
000 = Source DIO1
001 = Source DIO2
010 = Source DIO3
011 = Source DIO4
100 = Source DIO5
101 = Source GPIO1
110 = Input to WM8593
111 = Source ADC Data Output
R46
AIF_MUX10
2Eh
10
GPIO2_
UPD
0
GPIO2 Update
0 = Latch corresponding GPIO2 settings into
Register Map but do not update
1 = Latch corresponding GPIO2 settings into
Register Map and update
Table 42 GPIO2 Audio Interface Mux Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com