Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8593SEFT/V Datasheet(PDF) 56 Page - Wolfson Microelectronics plc

Part # WM8593SEFT/V
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593SEFT/V Datasheet(HTML) 56 Page - Wolfson Microelectronics plc

Back Button WM8593SEFT/V Datasheet HTML 52Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 56Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 57Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 58Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 59Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 60Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 98 page
background image
WM8593
Product Preview
w
PP Rev 1.0 January 2007
56
POWERDOWN SEQUENCE
1.
Mute all outputs:
•
MUTE_ALL=1
2.
Set up biases for power down mode:
•
FAST_EN=1
•
VMID_SEL=01
•
BIAS_EN=1
•
BUFIO_EN=1
•
VMIDTOG=1
•
SOFT_ST=0
3.
Switch outputs to use fast bias instead of master bias:
•
POBCTRL=1
4.
Power down all WM8593 functions (ADC, DACs, PGAs etc.). The outputs are muted so the
write order is not important.
5.
Power down VMID to allow the analogue outputs to ramp gently to ground in a pop-free
manner.
•
VMID_SEL=00
6.
Wait until DACVMID has fully discharged. The time taken depends on system capacitance.
•
Insert delay
7.
Clamp outputs to ground.
•
APE_B=0
8.
Power down outputs.
•
VOUTxL_EN=0
•
VOUTxR_EN=0
9.
Disable remaining bias control bits.
•
FAST_EN=0
•
POBCTRL=0
•
BIAS_EN=0
Power supplies can now be safely removed from the WM8593 if desired. Table 44 describes the
various bias control bits for power up/down control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com