Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8593SEFT/V Datasheet(PDF) 73 Page - Wolfson Microelectronics plc

Part # WM8593SEFT/V
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593SEFT/V Datasheet(HTML) 73 Page - Wolfson Microelectronics plc

Back Button WM8593SEFT/V Datasheet HTML 69Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 77Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 98 page
background image
Product Preview
WM8593
w
PP Rev 1.0 January 2007
73
R26 (1Ah) – PGA Control Register 2 (PGA_CTRL2)
Bit #
15
14
13
12
11
10
9
8
Read
0
0
0
Write
N/A
N/A
N/A
JD_PGA3R_
MUTE
JD_PGA3L_
MUTE
JD_PGA2R_
MUTE
JD_PGA2L_
MUTE
JD_PGA1R_
MUTE
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Read
Write
JD_PGA1L_
MUTE
VOUT3R_
MUTE
VOUT3L_
MUTE
VOUT2R_
MUTE
VOUT2L_
MUTE
VOUT1R_
MUTE
VOUT1L_
MUTE
MUTE_ALL
Default
0
1
1
1
1
1
1
0
N/A = Not Applicable (no function implemented)
Function
Description
MUTE_ALL
Master Output Driver Mute Control
0 = Unmute all output drivers
1 = Mute all output drivers
VOUT1L_MUTE
VOUT1R_MUTE
VOUT2L_MUTE
VOUT2R_MUTE
VOUT3L_MUTE
VOUT3R_MUTE
Individual Output Drivers Mute Control
0 = Unmute output driver
1 = Mute output driver
JD_PGA1L_MUTE
JD_PGA1R_MUTE
JD_PGA2L_MUTE
JD_PGA2R_MUTE
JD_PGA3L_MUTE
JD_PGA3R_MUTE
Jack Detect Mute Control
0 = Do not mute PGA when jack is detected
1 = Mute PGA when jack is detected
Figure 44 R26 – PGA Control Register 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com