Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8599SEFT/RV Datasheet(PDF) 44 Page - Wolfson Microelectronics plc

Part # WM8599SEFT/RV
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8599SEFT/RV Datasheet(HTML) 44 Page - Wolfson Microelectronics plc

Back Button WM8599SEFT/RV Datasheet HTML 40Page - Wolfson Microelectronics plc WM8599SEFT/RV Datasheet HTML 41Page - Wolfson Microelectronics plc WM8599SEFT/RV Datasheet HTML 42Page - Wolfson Microelectronics plc WM8599SEFT/RV Datasheet HTML 43Page - Wolfson Microelectronics plc WM8599SEFT/RV Datasheet HTML 44Page - Wolfson Microelectronics plc WM8599SEFT/RV Datasheet HTML 45Page - Wolfson Microelectronics plc WM8599SEFT/RV Datasheet HTML 46Page - Wolfson Microelectronics plc WM8599SEFT/RV Datasheet HTML 47Page - Wolfson Microelectronics plc WM8599SEFT/RV Datasheet HTML 48Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 74 page
background image
WM8599
Product Preview
w
PP Rev 1.0 January 2007
44
Figure 20 R0 – Software Reset / Device ID
Figure 21 R1 – Device Revision Register
R0 (0h) – Software Reset / Device ID Register (DEVICE_ID)
Bit #
15
14
13
12
11
10
9
8
Read
DEVICE_ID[15:8]
Write
SW_RST
Default
1
0
0
0
0
1
0
1
Bit #
7
6
5
4
3
2
1
0
Read
DEVICE_ID[7:0]
Write
SW_RST
Default
1
0
0
1
1
0
0
1
N/A = Not Applicable (no function implemented)
Function
Description
DEVICEID[15:0]
Device ID
A read of this register will return the device ID. In this case 0x8599.
SW_RST
Software Reset
A write of any value to this register will generate a software reset.
R1 (01h) – Device Revision Register (REVISION)
Bit #
15
14
13
12
11
10
9
8
Read
0
0
0
0
0
0
0
0
Write
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Read
REVNUM[7:0]
Write
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Default
-
-
-
-
-
-
-
-
N/A = Not Applicable (no function implemented)
Function
Description
REVNUM[7:0]
Device Revision
A read of this register will return the device revision number. This number is sequentially incremented if
the device design is updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com