Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8599SEFT/RV Datasheet(PDF) 71 Page - Wolfson Microelectronics plc

Part # WM8599SEFT/RV
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8599SEFT/RV Datasheet(HTML) 71 Page - Wolfson Microelectronics plc

Back Button WM8599SEFT/RV Datasheet HTML 66Page - Wolfson Microelectronics plc WM8599SEFT/RV Datasheet HTML 67Page - Wolfson Microelectronics plc WM8599SEFT/RV Datasheet HTML 68Page - Wolfson Microelectronics plc WM8599SEFT/RV Datasheet HTML 69Page - Wolfson Microelectronics plc WM8599SEFT/RV Datasheet HTML 70Page - Wolfson Microelectronics plc WM8599SEFT/RV Datasheet HTML 71Page - Wolfson Microelectronics plc WM8599SEFT/RV Datasheet HTML 72Page - Wolfson Microelectronics plc WM8599SEFT/RV Datasheet HTML 73Page - Wolfson Microelectronics plc WM8599SEFT/RV Datasheet HTML 74Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 71 / 74 page
background image
Product Preview
WM8599
w
PP Rev 1.0 January 2007
71
RECOMMENDED ANALOGUE LOW PASS FILTER
Ω
Ω
Ω
Ω
Figure 58 Recommended Analogue Low Pass Filter (shown for VOUT1L/R)
Note: Capacitors should be COG dielectric.
An external single pole RC filter is recommended (see Figure 58) if the device is driving a wideband
amplifier. Other filter architectures may provide equally good results.
EXTENDED INPUT IMPEDANCE CONFIGURATION
Ω
Ω
Figure 59 Extended Input Impedance Configuration
Note: See WAN0176 for AC coupling capacitor selection information.
The input impedance to the WM8599 is specified in the Electrical Characteristics section beginning
on page 7, and is fixed across gain setting and signal routing options. If this input impedance is not
enough for the intended application, an alternative input configuration (Figure 59) is possible.
This configuration increases the input impedance to the WM8599 by 10kΩ, but reduces the overall
gain in the ADC and Bypass paths by -6dB. In order to compensate for this reduction in gain, +6dB
of gain should be set in the ADC Input PGA (by using ADC_AMP_VOL[1:0]) and in the bypass PGA
(by using PGAxx_VOL[7:0]).
Examples:
•
If a 2VRMS signal is applied to VIN1L and VIN1R and routed to VOUT1L and VOUT1R using
PGA1L and PGA1R, then setting PGA1L_VOL[7:0] and PGA1R_VOL[7:0] =0x00 is necessary to
see 2VRMS at VOUT1L and VOUT1R.
•
If a 2VRMS signal is applied to VIN1L and VIN1R and routed to ADCL and ADCR, then setting
ADC_AMP_VOL[1:0]=10 is necessary to see 0dBFS at the ADC outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com