Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8599SEFT/RV Datasheet(PDF) 65 Page - Wolfson Microelectronics plc

Part # WM8599SEFT/RV
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8599SEFT/RV Datasheet(HTML) 65 Page - Wolfson Microelectronics plc

Back Button WM8599SEFT/RV Datasheet HTML 61Page - Wolfson Microelectronics plc WM8599SEFT/RV Datasheet HTML 62Page - Wolfson Microelectronics plc WM8599SEFT/RV Datasheet HTML 63Page - Wolfson Microelectronics plc WM8599SEFT/RV Datasheet HTML 64Page - Wolfson Microelectronics plc WM8599SEFT/RV Datasheet HTML 65Page - Wolfson Microelectronics plc WM8599SEFT/RV Datasheet HTML 66Page - Wolfson Microelectronics plc WM8599SEFT/RV Datasheet HTML 67Page - Wolfson Microelectronics plc WM8599SEFT/RV Datasheet HTML 68Page - Wolfson Microelectronics plc WM8599SEFT/RV Datasheet HTML 69Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 74 page
background image
Product Preview
WM8599
w
PP Rev 1.0 January 2007
65
Figure 46 R36 – PGA Control Register 3
Figure 47 R37 – ADC Input Clock Control Register
R36 (24h) – PGA Control Register 3 (PGA_CTRL3)
Bit #
15
14
13
12
11
10
9
8
Read
0
0
0
0
0
0
0
Write
N/A
N/A
N/A
N/A
N/A
PGA_UPD
N/A
N/A
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Read
0
0
0
0
Write
N/A
N/A
N/A
N/A
PGA_SEL[2:0]
PGA_
SAFE_SW
Default
0
0
0
0
0
0
0
0
N/A = Not Applicable (no function implemented)
Function
Description
PGA_SAFE_SW
PGA Ramp Control Clock Source Mux Force Update
0 = Wait until clocks are safe before switching PGA clock source
1 = Force PGA clock source to change immediately
See page 33 for details of use.
PGA_SEL[2:0]
PGA Ramp Control Clock Source
000 = ADCLRCLK
001 = DACLRCLK
010 to 110 = reserved
111 = ADCLRCLK (when ADC is being used in master mode)
PGA_UPD
PGA Ramp Control Clock Source Mux Update
0 = Do not update PGA clock source
1 = Update clock source
R37 (25h) – ADC Input Clock Control Register (ADC_CLK)
Bit #
15
14
13
12
11
10
9
8
Read
0
0
0
0
0
0
0
0
Write
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
Write
N/A
N/A
N/A
N/A
N/A
N/A
N/A
ADC_
SAFE_SW
Default
0
0
0
0
0
0
0
0
N/A = Not Applicable (no function implemented)
Function
Description
ADC_SAFE_SW
ADC Clock Input Safe Switching
0 = Ignore ADC Clock Inputs
1 = Use ADC Clock Inputs
See page 29 for details of use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com