Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISCFM8003 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISCFM8003
Description  All-SiC Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCFM8003 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISCFM8003 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCFM8003 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISCFM8003 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISCFM8003 Datasheet HTML 4Page - Inchange Semiconductor Company Limited ISCFM8003 Datasheet HTML 5Page - Inchange Semiconductor Company Limited ISCFM8003 Datasheet HTML 6Page - Inchange Semiconductor Company Limited ISCFM8003 Datasheet HTML 7Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ISCFM8003
eq WAB400M12BM3
All-SiC Power Module
www.iscsemi.com
2023-9-5
2
MOSFET Characteristics (TC =25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0V;
1200
--
--
V
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 106mA
1.8
2.5
3.6
V
VDS = VGS, ID = 106 mA,
TVJ = 175 °C
--
2.0
--
RDS(on)
Drain-Source On-stage Resistance
VGS= 15V; ID= 400A
--
3.25
4.25
mΩ
VGS= 15V; ID= 400A;TVJ=175°C
--
5.25
--
IGSS
Gate Source Leakage Current
VGS= 15V; VDS= 0V
--
0.04
1
uA
IDSS
Zero Gate Voltage Drain Current
VDS = 1200V, VGS = 0V
--
10
200
uA
Ciss
Input Capacitance
VGS = 0V,
VDS = 800V,
f = 0.1MHz
VAC=25mV
--
33.9
--
nF
Coss
Output Capacitance
--
1.65
--
Crss
Reverse Transfer Capacitance
--
1.13
--
Qg
Total Gate Charge
VDS = 800V,
ID=400A,
VGS=-4V/ +15V
--
1542
--
nC
Qgs
Gate-Source Charge
--
318
--
Qgd
Gate-Drain Charge
--
284
--



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com