Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISCFM8003 Datasheet(PDF) 3 Page - Inchange Semiconductor Company Limited

Part # ISCFM8003
Description  All-SiC Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCFM8003 Datasheet(HTML) 3 Page - Inchange Semiconductor Company Limited

  ISCFM8003 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCFM8003 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISCFM8003 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISCFM8003 Datasheet HTML 4Page - Inchange Semiconductor Company Limited ISCFM8003 Datasheet HTML 5Page - Inchange Semiconductor Company Limited ISCFM8003 Datasheet HTML 6Page - Inchange Semiconductor Company Limited ISCFM8003 Datasheet HTML 7Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ISCFM8003
eq WAB400M12BM3
All-SiC Power Module
www.iscsemi.com
2023-9-5
3
Diode Characteristics (TC =25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VSD
Diode Forward Voltage
ISD= 400A;
VGS= -4V
--
5.4
--
V
ISD= 400A;
VGS= -4V;TVJ=175°C
--
4.9
--
Module Characteristics (TC =25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
Visol
Case Isolation Voltage
t=1min, f=50Hz
3500
--
--
V
RthJC
Thermal Resistance Junction to
Case
Per MOSFET
--
--
0.08
℃
/W
LsCE
Stray Inductance Module
--
11
--
nH
Mt
Module Electrodes Torque
Recommended(M6)
3.0
--
6.0
N.m
Ms
Module to Sink Torque
Recommended(M6)
3.0
--
6.0
W
Weight of Module
--
300
--
g



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com