Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISCFM8003 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISCFM8003
Description  All-SiC Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCFM8003 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISCFM8003 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCFM8003 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISCFM8003 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISCFM8003 Datasheet HTML 4Page - Inchange Semiconductor Company Limited ISCFM8003 Datasheet HTML 5Page - Inchange Semiconductor Company Limited ISCFM8003 Datasheet HTML 6Page - Inchange Semiconductor Company Limited ISCFM8003 Datasheet HTML 7Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ISCFM8003
eq WAB400M12BM3
All-SiC Power Module
www.iscsemi.com
2023-9-5
1
FEATURES
·
VDS
=1200V,ID= 400A
·
Zero Reverse Recovery Current from Diode
·
Zero Turn-Off Tail Current from MOSFET
·
High-Frequency Operation
·
Ease of Paralleling
·
Ultra Low Loss
APPLICATIONS
·
Solar and Wind Inverters
·
Industrial Automation & Testing
·
Induction Heating
·
EV Chargers
Absolute Maximum Ratings(TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VDS max
Drain-Source Voltage
1200
V
VGS max
Gate-Source Voltage
Absolute Maximum Values
-8 /+19
V
VGS op
Gate-Source Voltage
Recommended Operational Values
-4 /+15
V
ID
Continuous Drain Current
VGS= 15V, Tc=25℃
468
A
VGS= 15V, Tc=90℃
353
A
ID(pulsed)
Maximum Pulsed Drain-Source Current
VGS= 15V, Tvj=25℃, tpmax Limited by Tvj
max
800
A
Tvj op
Operating Junction Temperature
-40~175
℃
Tvj max
Maximum Junction Temperature
175
℃


Similar Part No. - ISCFM8003

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCFM8001 ISC-ISCFM8001 Datasheet
804Kb / 8P
All-SiC Power Module
2023-9-4
ISCFM8002 ISC-ISCFM8002 Datasheet
855Kb / 11P
All-SiC Power MODULE
2023-9-2
More results

Similar Description - ISCFM8003

ManufacturerPart #DatasheetDescription
logo
Rohm
BSM120D12P2C005 ROHM-BSM120D12P2C005 Datasheet
939Kb / 11P
SiC Power Module
BSM180C12P3C202 ROHM-BSM180C12P3C202 Datasheet
1Mb / 12P
SiC Power Module
BSM180D12P3C007 ROHM-BSM180D12P3C007 Datasheet
928Kb / 12P
SiC Power Module
BSM300D12P2E001 ROHM-BSM300D12P2E001 Datasheet
1Mb / 11P
SiC Power Module
BSM300C12P3E301 ROHM-BSM300C12P3E301 Datasheet
874Kb / 11P
SiC Power Module
BSM400C12P3G202 ROHM-BSM400C12P3G202 Datasheet
906Kb / 11P
SiC Power Module
logo
Inchange Semiconductor ...
WAS110M12BM2 ISC-WAS110M12BM2 Datasheet
855Kb / 11P
All-SiC Power MODULE
2023-9-2
WAS300M12BM2 ISC-WAS300M12BM2 Datasheet
804Kb / 8P
All-SiC Power Module
2023-9-4
CCB016M12GM3 ISC-CCB016M12GM3 Datasheet
609Kb / 7P
All-SiC Power Module
MSCSM120AM31CT1 ISC-MSCSM120AM31CT1 Datasheet
389Kb / 4P
All-SiC Power Module
2023-9-2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com