Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NNL05 Datasheet(PDF) 9 Page - C&D Technologies

Part # NNL05
Description  Non-Isolated DC/DC Converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NNL05 Datasheet(HTML) 9 Page - C&D Technologies

Back Button NNL05 Datasheet HTML 2Page - C&D Technologies NNL05 Datasheet HTML 3Page - C&D Technologies NNL05 Datasheet HTML 4Page - C&D Technologies NNL05 Datasheet HTML 5Page - C&D Technologies NNL05 Datasheet HTML 6Page - C&D Technologies NNL05 Datasheet HTML 7Page - C&D Technologies NNL05 Datasheet HTML 8Page - C&D Technologies NNL05 Datasheet HTML 9Page - C&D Technologies NNL05 Datasheet HTML 10Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NNL05 Series
Non-Isolated DC/DC Converters
KDC_NNL05C.D02 Page 9 of 0
www.cd4power.com
MECHANICAL DIMENSIONS
SURFACE MOUNT PACKAGE STYLE (BOTTOM VIEW)
PIN CONNECTIONS
Pin
Function

On/Off
2
+VIN
3
Common
4
Trim
5
+VOUT
PACKAGE WEIGHT
NNL05-9C
2.3g
NNL05-0C
2.7g
RECOMMENDED PAD LAYOUT
TRAY DIMENSIONS (TOP VIEW)
PICK-UP POINT NNL05-9
PICK-UP POINT NNL05-0
Unless otherwise stated all dimensions
in inches(mm) ±0.0(0.25).
Tray quantity: 56
† +0.020(0.5)
-0.00(0.0)
X (NNL05-9C) = 0.26(6.6)
X (NNL05-0C) = 0.23(5.9)
Coplanarity = 50microns

2
5
4
3
0.90 (4.82) 0.60 (4.07)
0.90 (4.82)
0.60 (4.07)
0.350
(8.89)
0.690
(7.53)
0.05
(.27)
Pad size:
MIN: 0.20 x 0.095 (3.048 x 2.43)
MAX: 0.35 x 0.0 (3.429 x 2.794)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com