Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NNL05 Datasheet(PDF) 6 Page - C&D Technologies

Part # NNL05
Description  Non-Isolated DC/DC Converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NNL05 Datasheet(HTML) 6 Page - C&D Technologies

Back Button NNL05 Datasheet HTML 2Page - C&D Technologies NNL05 Datasheet HTML 3Page - C&D Technologies NNL05 Datasheet HTML 4Page - C&D Technologies NNL05 Datasheet HTML 5Page - C&D Technologies NNL05 Datasheet HTML 6Page - C&D Technologies NNL05 Datasheet HTML 7Page - C&D Technologies NNL05 Datasheet HTML 8Page - C&D Technologies NNL05 Datasheet HTML 9Page - C&D Technologies NNL05 Datasheet HTML 10Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NNL05 Series
Non-Isolated DC/DC Converters
KDC_NNL05C.D02 Page 6 of 0
www.cd4power.com
THERMAL DERATING GRAPHS (NNL05-10C)
VOUT = 5.0V
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.5V
VOUT =1.2V
VOUT =0.75V
All derating graphs shown are for an input voltage, VIN = 4.0V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com