Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NNL05 Datasheet(PDF) 1 Page - C&D Technologies

Part # NNL05
Description  Non-Isolated DC/DC Converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NNL05 Datasheet(HTML) 1 Page - C&D Technologies

  NNL05 Datasheet HTML 1Page - C&D Technologies NNL05 Datasheet HTML 2Page - C&D Technologies NNL05 Datasheet HTML 3Page - C&D Technologies NNL05 Datasheet HTML 4Page - C&D Technologies NNL05 Datasheet HTML 5Page - C&D Technologies NNL05 Datasheet HTML 6Page - C&D Technologies NNL05 Datasheet HTML 7Page - C&D Technologies NNL05 Datasheet HTML 8Page - C&D Technologies NNL05 Datasheet HTML 9Page - C&D Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
NNL05 Series
Non-Isolated DC/DC Converters
KDC_NNL05C.D02 Page  of 0
www.cd4power.com
FEATURES
n
RoHS compliant
n
Industry standard footprint
n
Short circuit protection
n
High efficiency
n
Under voltage lock out
n
Fully adjustable output voltage
n
Operating temperature range -40ºC to
85ºC
n
SMD Construction
n
UL60950 recognized
DESCRIPTION
The NNL05 series is part of a range of non-
isolated, cost effective DC/DC converters offering
high precision output voltages from a nominal
3.0-5.5V or 0.0-4.0V intermediate bus where
isolation is not required. Currently available in
SMD format and packaged in stackable trays or
tape and reel packaging. The product range has
been recognized by the Underwriters Laboratory
(UL) to UL60950, file number E79522 applies.
SELECTION GUIDE
Order Code
Input Voltage Output Voltage
Output Current
User Select
Voltage
Efficiency
Min. Load Full Load
V (nom.)
V
A
A
VOUT
% (Min.)
NNL05-9C2
4
Adjustable
between
0.75 & 3.3
0
5.0
0.75
78
.2
83
.5
85
.8
87
2.5
90
3.3
94
NNL05-0C2
2
Adjustable
between
0.75 & 5.0
0
5.0
0.75
7
.2
78
.5
80
.8
83
2.5
85
3.3
87
5.0
90
INPUT CHARACTERISTICS1
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
NNL05-9C VOUT < 2.75V
3.0
5.5
V
NNL05-9C VOUT > 3.0V
4.0
5.5
NNL05-0C
0.0
4.0
Under voltage lock out
NNL05-9C
Turn on threshold
2.
V
Turn off threshold
.96
NNL05-0C
Turn on threshold
7.85
8.25
Turn off threshold
7.75
8.20
Reflected ripple current
NNL05-9C
2.0
mA p-p
NNL05-0C
20.0
Input no load current
NNL05-9C
VIN = 5.5V VOUT = 0.75V
70
mA
VIN = 5.5V VOUT = 3.3V
00
NNL05-0C
VIN = 2.0V VOUT = 0.75V
5
VIN = 2.0V VOUT = 5.0V
75
Input standby current
Module Disabled
5.0
mA
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated current
TA = –40°C to 85°C
(see thermal performance characteristics)
5.0
A
Voltage set point accuracy
Using % tolerance resistor
-3.0
+2.0
%
Line regulation
Low line to high line
NNL05-9C
.0
%
NNL05-0C
0.
Load regulation
0% load to 00% load
NNL05-9C
.0
%
NNL05-0C
0.2
Ripple & noise
BW = DC to 20MHz with
µF ceramic and 0µF
tantalum capacitors
NNL05-9C
30
mV p-p
NNL05-0C 0.75V
9
NNL05-0C 5.0V
20
Transient response
NNL05-9C
IOUT = 2.5A–5.0A–2.5A
Peak deviation
60
mV
Settling time
25
µs
NNL05-0C
IOUT = 2.5A–5.0A–2.5A
Peak deviation
70
mV
Settling time
35
µs
Current limit inception
9.0
A
. If components are required in tape and reel format suffix order code with -R, e.g. NNL05-9C-R.
2. A 330µF low ESR capacitor, approx 7mΩ at 00kHz to 300kHz must be fitted at the input to the NNL DC/DC converter to ensure
stability under all the operating conditions.
All specifications typical at T
A =25°C, nominal input voltage and rated output current unless otherwise specified.
 
For full details go to
www.cd4power.com/rohs


Similar Part No. - NNL05

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NNL05 CANDD-NNL05 Datasheet
2Mb / 9P
NON-ISOLATED DC DC CONVERTERS
NNL05-10 CANDD-NNL05-10 Datasheet
2Mb / 9P
NON-ISOLATED DC DC CONVERTERS
logo
Murata Manufacturing Co...
NNL05-10C MURATA-NNL05-10C Datasheet
1Mb / 10P
Non-Isolated DC/DC Converters
NNL05-10C MURATA-NNL05-10C Datasheet
1Mb / 10P
Non-Isolated DC/DC Converters
logo
C&D Technologies
NNL05-9 CANDD-NNL05-9 Datasheet
2Mb / 9P
NON-ISOLATED DC DC CONVERTERS
More results

Similar Description - NNL05

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7KS-25D BEL-S7KS-25D Datasheet
129Kb / 4P
NON-ISOLATED DC/DC CONVERTERS
SRBA-03E1AX BEL-SRBA-03E1AX Datasheet
219Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
SRBA-06A1AX BEL-SRBA-06A1AX_07 Datasheet
295Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
VRBA-06A1AX BEL-VRBA-06A1AX_07 Datasheet
248Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
VRBC-16A2AX BEL-VRBC-16A2AX_07 Datasheet
301Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
VRPB-15C BEL-VRPB-15C Datasheet
279Kb / 9P
NON-ISOLATED DC/DC CONVERTERS
VRPF-15B1AC BEL-VRPF-15B1AC Datasheet
242Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
XRAH-01K BEL-XRAH-01K Datasheet
193Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
XRAH-03L1A0 BEL-XRAH-03L1A0 Datasheet
184Kb / 7P
NON-ISOLATED DC/DC CONVERTERS
XRBA-06E2AX BEL-XRBA-06E2AX Datasheet
329Kb / 9P
NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com