Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT80C51RB2-SLSCM Datasheet(PDF) 65 Page - ATMEL Corporation

Part # AT80C51RB2-SLSCM
Description  80C51 High Performance ROM 8-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51RB2-SLSCM Datasheet(HTML) 65 Page - ATMEL Corporation

Back Button AT80C51RB2-SLSCM Datasheet HTML 61Page - ATMEL Corporation AT80C51RB2-SLSCM Datasheet HTML 62Page - ATMEL Corporation AT80C51RB2-SLSCM Datasheet HTML 63Page - ATMEL Corporation AT80C51RB2-SLSCM Datasheet HTML 64Page - ATMEL Corporation AT80C51RB2-SLSCM Datasheet HTML 65Page - ATMEL Corporation AT80C51RB2-SLSCM Datasheet HTML 66Page - ATMEL Corporation AT80C51RB2-SLSCM Datasheet HTML 67Page - ATMEL Corporation AT80C51RB2-SLSCM Datasheet HTML 68Page - ATMEL Corporation AT80C51RB2-SLSCM Datasheet HTML 69Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 83 page
background image
66
AT80C51RD2/AT83C51Rx2
4113B–8051–03/05
E
lectrical Characteristics
Absolute Maximum Ratings
DC Parameters for
Standard Voltage
T
A = 0°C to +70°C; VSS = 0V; VCC = 4.5V to 5.5V; F = 10 to 40 MHz
T
A = -40°C to +85°C; VSS = 0V; VCC =4.5V to 5.5V; F = 10 to 40 MHz
C = commercial......................................................0
°C to 70°C
I = industrial ........................................................-40
°C to 85°C
Storage Temperature .................................... -65
°C to + 150°C
Voltage on VCC to VSS (standard voltage) .........-0.5V to + 6.5V
Voltage on V
CC to VSS (low voltage)..................-0.5V to + 4.5V
Voltage on Any Pin to V
SS..........................-0.5V to VCC + 0.5V
Power Dissipation .............................................................. 1 W
Note:
Stresses at or above those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions above those indicated in the operational sections
of this specification is not implied. Exposure to abso-
lute maximum rating conditions may affect device
reliability.
Power dissipation value is based on the maximum
allowable die temperature and the thermal resistance
of the package.
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
V
IL
Input Low Voltage
-0.5
0.2 V
CC - 0.1
V
V
IH
Input High Voltage except RST, XTAL1
0.2 V
CC + 0.9
V
CC + 0.5
V
V
IH1
Input High Voltage RST, XTAL1
0.7 V
CC
V
CC + 0.5
V
V
OL
Output Low Voltage, ports 1, 2, 3, 4
(6)
0.3
0.45
1.0
V
V
V
I
OL = 100 µA
(4)
I
OL = 1.6 mA
(4)
I
OL = 3.5 mA
(4)
V
OL1
Output Low Voltage, port 0, ALE, PSEN (6)
0.3
0.45
1.0
V
V
V
I
OL = 200 µA
(4)
I
OL = 3.2 mA
(4)
I
OL = 7.0 mA
(4)
V
OH
Output High Voltage, ports 1, 2, 3, 4
V
CC - 0.3
V
CC - 0.7
V
CC - 1.5
V
V
V
I
OH = -10 µA
I
OH = -30 µA
I
OH = -60 µA
V
CC = 5V ± 10%
V
OH1
Output High Voltage, port 0, ALE, PSEN
V
CC - 0.3
V
CC - 0.7
V
CC - 1.5
V
V
V
I
OH = -200 µA
I
OH = -3.2 mA
I
OH = -7.0 mA
V
CC = 5V ± 10%
R
RST
RST Pull-down Resistor
50
200(5)
250
k
Ω
I
IL
Logical 0 Input Current ports 1, 2, 3, 4 and 5
-50
µAV
IN = 0.45V
I
LI
Input Leakage Current
±10
µA
0.45V < V
IN < VCC
I
TL
Logical 1 to 0 Transition Current, ports 1, 2, 3, 4
-650
µAV
IN = 2.0 V
C
IO
Capacitance of I/O Buffer
10
pF
Fc = 3 MHz
TA = 25
°C
I
PD
Power-down Current
100
150
µA4.5V < V
CC < 5.5V
(3)
I
CCOP
Power Supply Current on normal mode
0.29 x Frequency (MHz) + 4
mA
V
CC = 5.5V
(1)
I
CCIDLE
Power Supply Current on idle mode
0.16 x Frequency (MHz) + 4
mA
V
CC = 5.5V
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com