Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT80C51RB2-SLSCM Datasheet(PDF) 74 Page - ATMEL Corporation

Part # AT80C51RB2-SLSCM
Description  80C51 High Performance ROM 8-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51RB2-SLSCM Datasheet(HTML) 74 Page - ATMEL Corporation

Back Button AT80C51RB2-SLSCM Datasheet HTML 70Page - ATMEL Corporation AT80C51RB2-SLSCM Datasheet HTML 71Page - ATMEL Corporation AT80C51RB2-SLSCM Datasheet HTML 72Page - ATMEL Corporation AT80C51RB2-SLSCM Datasheet HTML 73Page - ATMEL Corporation AT80C51RB2-SLSCM Datasheet HTML 74Page - ATMEL Corporation AT80C51RB2-SLSCM Datasheet HTML 75Page - ATMEL Corporation AT80C51RB2-SLSCM Datasheet HTML 76Page - ATMEL Corporation AT80C51RB2-SLSCM Datasheet HTML 77Page - ATMEL Corporation AT80C51RB2-SLSCM Datasheet HTML 78Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 83 page
background image
75
AT80C51RD2/AT83C51Rx2
4113B–8051–03/05
External Data Memory Read Cycle
Serial Port Timing - Shift
Register Mode
Table 54. Symbol Description
Table 55. AC Parameters for a Fix Clock
Table 56. AC Parameters for a Variable Clock
ALE
PSEN
RD
PORT 0
PORT 2
A0-A7
DATA IN
ADDRESS
OR SFR-P2
T
AVWL
T
LLWL
T
RLAZ
ADDRESS A8-A15 OR SFR P2
T
RHDZ
T
WHLH
T
RLRH
T
LLDV
T
RHDX
T
LLAX
T
AVDV
Symbol
Parameter
T
XLXL
Serial port clock cycle time
T
QVHX
Output data set-up to clock rising edge
T
XHQX
Output data hold after clock rising edge
T
XHDX
Input data hold after clock rising edge
T
XHDV
Clock rising edge to input data valid
Symbol
-M
-L
Units
Min
Max
Min
Max
T
XLXL
300
300
ns
T
QVHX
200
200
ns
T
XHQX
30
30
ns
T
XHDX
00
ns
T
XHDV
117
117
ns
Symbol
Type
Standard
Clock
X2 Clock
X Parameter for -
M Range
X Parameter for -L
Range
Units
T
XLXL
Min
12 T
6 T
ns
T
QVHX
Min
10 T - x
5 T - x
50
50
ns
T
XHQX
Min
2 T - x
T - x
20
20
ns
T
XHDX
Min
x
x
0
0
ns
T
XHDV
Max
10 T - x
5 T- x
133
133
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com