Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT80C51RB2-SLSCM Datasheet(PDF) 75 Page - ATMEL Corporation

Part # AT80C51RB2-SLSCM
Description  80C51 High Performance ROM 8-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51RB2-SLSCM Datasheet(HTML) 75 Page - ATMEL Corporation

Back Button AT80C51RB2-SLSCM Datasheet HTML 71Page - ATMEL Corporation AT80C51RB2-SLSCM Datasheet HTML 72Page - ATMEL Corporation AT80C51RB2-SLSCM Datasheet HTML 73Page - ATMEL Corporation AT80C51RB2-SLSCM Datasheet HTML 74Page - ATMEL Corporation AT80C51RB2-SLSCM Datasheet HTML 75Page - ATMEL Corporation AT80C51RB2-SLSCM Datasheet HTML 76Page - ATMEL Corporation AT80C51RB2-SLSCM Datasheet HTML 77Page - ATMEL Corporation AT80C51RB2-SLSCM Datasheet HTML 78Page - ATMEL Corporation AT80C51RB2-SLSCM Datasheet HTML 79Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 83 page
background image
76
AT80C51RD2/AT83C51Rx2
4113B–8051–03/05
Shift Register Timing Waveforms
External Clock Drive Waveforms
AC Testing Input/Output Waveforms
AC inputs during testing are driven at V
CC - 0.5 for a logic “1” and 0.45V for a logic “0”.
Timing measurement are made at V
IH min for a logic “1” and VIL max for a logic “0”.
Float Waveforms
For timing purposes as port pin is no longer floating when a 100 mV changes from load
voltage occurs and begins to float when a 100 mV change from the loaded V
OH/VOL level
occurs. I
OL/IOH ≥ ± 20 mA.
Clock Waveforms
Valid in normal clock mode. In X2 mode XTAL2 must be changed to XTAL2/2.
INPUT DATA
VALID
VALID
VALID
VALID
01
2
345
6
8
7
ALE
CLOCK
OUTPUT DATA
WRITE to SBUF
CLEAR RI
T
XLXL
T
QVXH
T
XHQX
T
XHDV
T
XHDX
SET TI
SET RI
INSTRUCTION
012
3
4
567
VALID
VALID
VALID
VALID
V
CC-0.5V
0.45V
0.7V
CC
0.2V
CC-0.1
T
CHCL
T
CLCX
T
CLCL
T
CLCH
T
CHCX
INPUT/OUTPUT
0.2 V
CC + 0.9
0.2 V
CC - 0.1
V
CC -0.5V
0.45V
FLOAT
V
OH - 0.1 V
V
OL + 0.1 V
V
LOAD
V
LOAD + 0.1 V
V
LOAD - 0.1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com