Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM2692NSC Datasheet(PDF) 7 Page - VBsemi Electronics Co.,Ltd

Part # SM2692NSC
Description  N-Channel 200 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SM2692NSC Datasheet(HTML) 7 Page - VBsemi Electronics Co.,Ltd

  SM2692NSC Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SM2692NSC Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SM2692NSC Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SM2692NSC Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SM2692NSC Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SM2692NSC Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SM2692NSC Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SM2692NSC Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd SM2692NSC Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
SM2692NSC
www.VBsemi.com
1
2
3
Gauge Plane
L
5
4
R
R
C
0.15 M
B A
b
C
0.08
0.17 Ref
Seating Plane
-C -
Seating Plane
A1
A2 A
-A -
D
-B -
E1
E
L2
(L1)
c
4x 1
4x 1
e
e1
1
2
3
6
5
4
C
0.15 M
B A
b
-B -
E1
E
e
e1
5-LEAD TSOP
6-LEAD TSOP
TSOP: 5/6−LEAD
JEDEC Part Number: MO-193C
MILLIMETERS
INCHES
Dim
Min
Nom
Max
Min
Nom
Max
A
0.91
-
1.10
0.036
-
0.043
A1
0.01
-
0.10
0.0004
-
0.004
A2
0.90
-
1.00
0.035
0.038
0.039
b
0.30
0.32
0.45
0.012
0.013
0.018
c
0.10
0.15
0.20
0.004
0.006
0.008
D
2.95
3.05
3.10
0.116
0.120
0.122
E
2.70
2.85
2.98
0.106
0.112
0.117
E1
1.55
1.65
1.70
0.061
0.065
0.067
e
0.95 BSC
0.0374 BSC
e1
1.80
1.90
2.00
0.071
0.075
0.079
L
0.32
-
0.50
0.012
-
0.020
L1
0.60 Ref
0.024 Ref
L2
0.25 BSC
0.010 BSC
R
0.10
-
-
0.004
-
-
0
4
8
0
4
8
1
7 Nom
7 Nom
ECN: C-06593-Rev. I, 18-Dec-06
DWG: 5540
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com