Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM2692NSC Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # SM2692NSC
Description  N-Channel 200 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SM2692NSC Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  SM2692NSC Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SM2692NSC Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SM2692NSC Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SM2692NSC Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SM2692NSC Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SM2692NSC Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SM2692NSC Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SM2692NSC Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd SM2692NSC Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
5
10
15
20
25
00.5
11.5
2
V
DS - Drain-to-Source Voltage (V)
V
GS = 10 V thru 4 V
V
GS = 3 V
0.05
0.10
0.15
0.20
0.25
0
5
10
15
20
25
I
D -Drain Current (A)
V
GS = 4.5 V
V
GS = 10 V
0
2
4
6
8
10
02468
10
Q
g - Total Gate Charge (nC)
V
DS = 24 V
V
DS = 15 V
V
DS = 8 V
I
D = 5.5 A
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
1
2
3
4
5
00.5
11.5
22.5
3
V
GS - Gate-to-Source Voltage (V)
T
C = 25 °C
T
C = 125 °C
T
C = - 55 °C
0
250
500
750
1000
0
40
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
0.7
0.9
1.1
1.3
1.5
1.7
- 50
- 25
0
255075
100
125
150
T
J - Junction Temperature (°C)
I
D = 5.5 A
V
GS = 10 V, ID = 5.5 A
V
GS = 4.5 V, ID = 5 A
SM2692NSC
www.VBsemi.com
80
120
160
200
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com