Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM2692NSC Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # SM2692NSC
Description  N-Channel 200 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SM2692NSC Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  SM2692NSC Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SM2692NSC Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SM2692NSC Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SM2692NSC Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SM2692NSC Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SM2692NSC Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SM2692NSC Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SM2692NSC Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd SM2692NSC Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
N-Channel 200 V (D-S) MOSFET
FEATURES
•
Halogen-free According to IEC 61249-2-21
Definition
•
TrenchFET® Power MOSFET
•
Low On-Resistance
• 100 % Rg Tested
• Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
•
DC/DC Converters, High Speed Switching
Notes:
a. Based on TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under steady state conditions is 166 °C/W.
e. Package limited.
PRODUCT SUMMARY
VDS (V)
RDS(on) ()
ID (A)
a, e
Qg (Typ.)
200
0.160 at VGS = 10 V
4.0
6.2 nC
0.200 at VGS = 4.5 V
3.0
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
200
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
4e
A
TC = 70 °C
2.8
e
TA = 25 °C
3.5b, c
TA = 70 °C
2.4b, c
Pulsed Drain Current (t = 300 µs)
IDM
25
Continuous Source-Drain Diode Current
TC = 25 °C
IS
2.1
TA = 25 °C
1.1b, c
Maximum Power Dissipation
TC = 25 °C
PD
5
W
TC = 70 °C
3.5
TA = 25 °C
1.6b, c
TA = 70 °C
1.2b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
 5 s
RthJA
75
100
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
40
50
6
4
1
2
3
5
Top View
D
D
G
D
D
S
SM2692NSC
www.VBsemi.com
TSOP-6
服务热线:400-655-8788


Similar Part No. - SM2692NSC

ManufacturerPart #DatasheetDescription
logo
Sinopower Semiconductor...
SM2692NSC SINOPWER-SM2692NSC Datasheet
171Kb / 12P
N-Channel Enhancement Mode MOSFET
SM2692NSCC-TRG SINOPWER-SM2692NSCC-TRG Datasheet
171Kb / 12P
N-Channel Enhancement Mode MOSFET
More results

Similar Description - SM2692NSC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4418DY VISHAY-SI4418DY Datasheet
69Kb / 5P
N-Channel 200-V (D-S) MOSFET
24-Nov-03
SUM36N20-54P VISHAY-SUM36N20-54P Datasheet
125Kb / 6P
N-Channel 200-V (D-S) MOSFET
14-Apr-08
logo
Analog Power
AM7202N ANALOGPOWER-AM7202N Datasheet
366Kb / 5P
N-Channel 200-V (D-S) MOSFET
AM90N20-40P ANALOGPOWER-AM90N20-40P Datasheet
313Kb / 5P
N-Channel 200-V (D-S) MOSFET
AM90N20-78B ANALOGPOWER-AM90N20-78B Datasheet
361Kb / 5P
N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SIR690DP VISHAY-SIR690DP Datasheet
371Kb / 13P
N-Channel 200 V (D-S) MOSFET
04-Jul-16
SISS98DN VISHAY-SISS98DN Datasheet
345Kb / 9P
N-Channel 200 V (D-S) MOSFET
23-May-16
logo
Analog Power
AM30N20-78D ANALOGPOWER-AM30N20-78D Datasheet
332Kb / 5P
N-Channel 200-V (D-S) MOSFET
AMR402N ANALOGPOWER-AMR402N Datasheet
417Kb / 5P
N-Channel 200-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
2SK2382 VBSEMI-2SK2382 Datasheet
1Mb / 9P
N-Channel 200 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com