Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56F803E Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # DSP56F803E
Description  16-bit Digital Signal Controllers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F803E Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button DSP56F803E Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
56F803 Technical Data, Rev. 16
22
Freescale Semiconductor
Figure 3-1 Maximum Run IDD vs. Frequency (see Note 6. in Table 3-14)
3.3 AC Electrical Characteristics
Timing waveforms in Section 3.3 are tested using the V
IL and VIH levels specified in the DC Characteristics
table. In Figure 3-2 the levels of V
IH and VIL for an input signal are shown.
8.
This low-voltage interrupt monitors the VDDA external power supply. VDDA is generally connected to the same potential
as VDD via separate traces. If VDDA drops below VEIO, an interrupt is generated. Functionality of the device is guaranteed
under transient conditions when VDDA>VEIO (between the minimum specified VDD and the point when the VEIO interrupt is
generated).
9.
This low voltage interrupt monitors the internally regulated core power supply. If the output from the internal voltage is
regulator drops below VEIC, an interrupt is generated. Since the core logic supply is internally regulated, this interrupt will not
be generated unless the external power supply drops below the minimum specified value (3.0V).
10. Power
–on reset occurs whenever the internally regulated 2.5V digital supply drops below 1.5V typical. While power is
ramping up, this signal remains active as long as the internal 2.5V is below 1.5V typical, no matter how long the ramp-up rate
is. The internally regulated voltage is typically 100mV less than VDD during ramp-up, until 2.5V is reached, at which time it
self-regulates.
0
30
90
120
180
60
20
40
60
80
Freq. (MHz)
150
IDD Digital
IDD Analog
IDD Total



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com