Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56F803E Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # DSP56F803E
Description  16-bit Digital Signal Controllers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F803E Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button DSP56F803E Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
Flash Memory Characteristics
56F803 Technical Data, Rev. 16
Freescale Semiconductor
23
Figure 3-2 Input Signal Measurement References
Figure 3-3 shows the definitions of the following signal states:
•
Active state, when a bus or signal is driven, and enters a low impedance state
•
Tri-stated, when a bus or signal is placed in a high impedance state
•
Data Valid state, when a signal level has reached VOL or VOH
•
Data Invalid state, when a signal level is in transition between VOL and VOH
Figure 3-3 Signal States
3.4 Flash Memory Characteristics
Table 3-5 Flash Memory Truth Table
Mode
XE1
1.
X address enable, all rows are disabled when XE = 0
YE2
2.
Y address enable, YMUX is disabled when YE = 0
SE3
3.
Sense amplifier enable
OE4
4.
Output enable, tri-state Flash data out bus when OE = 0
PROG5
ERASE6
MAS17
NVSTR8
Standby
L
L
L
L
L
L
L
L
Read
H
HHH
L
L
L
L
Word Program
H
H
L
L
H
LLH
Page Erase
H
L
L
L
L
H
L
H
Mass Erase
H
L
L
L
L
H
H
H
VIH
VIL
Fall Time
Input Signal
Note: The midpoint is VIL + (VIH – VIL)/2.
Midpoint1
Low
High
90%
50%
10%
Rise Time
Data Invalid State
Data1
Data2 Valid
Data
Tri-stated
Data3 Valid
Data2
Data3
Data1 Valid
Data Active
Data Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com