Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56F803E Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # DSP56F803E
Description  16-bit Digital Signal Controllers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F803E Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button DSP56F803E Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
56F803 Technical Data, Rev. 16
4
Freescale Semiconductor
Part 1 Overview
1.1 56F803 Features
1.1.1
Processing Core
•
Efficient 16-bit 56800 family controller engine with dual Harvard architecture
•
As many as 40 Million Instructions Per Second (MIPS) at 80MHz core frequency
•
Single-cycle 16
× 16-bit parallel Multiplier-Accumulator (MAC)
•Two 36-bit accumulators, including extension bits
•16-bit bidirectional barrel shifter
•
Parallel instruction set with unique processor addressing modes
•
Hardware DO and REP loops
•
Three internal address buses and one external address bus
•
Four internal data buses and one external data bus
•
Instruction set supports both DSP and controller functions
•
Controller style addressing modes and instructions for compact code
•
Efficient C compiler and local variable support
•
Software subroutine and interrupt stack with depth limited only by memory
•
JTAG/OnCE debug programming interface
1.1.2
Memory
•
Harvard architecture permits as many as three simultaneous accesses to Program and Data memory
•
On-chip memory including a low-cost, high-volume Flash solution
—31.5K
× 16-bit words of Program Flash
—512K
× 16-bit words of Program RAM
—4K
× 16-bit words of Data Flash
—2K
× 16-bit words of Data RAM
—2K
× 16-bit words of Boot Flash
•
Off-chip memory expansion capabilities programmable for 0, 4, 8, or 12 wait states
— As much as 64K
× 16 bits of Data memory
— As much as 64K
× 16 bits of Program memory
1.1.3
Peripheral Circuits for 56F803
•
Pulse Width Modulator module (PWM) with six PWM outputs, three Current Sense inputs, and three Fault
inputs, fault-tolerant design with dead time insertion, supports both center- and edge- aligned modes,
supports Freescale’s patented dead time distortion correction
•Two 12-bit Analog-to-Digital Converters (ADCs), which support two simultaneous conversions; ADC and
PWM modules can be synchronized
•
Quadrature Decoder with four inputs (shares pins with Quad Timer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com