Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATAM894 Datasheet(PDF) 61 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 61 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 57Page - ATMEL Corporation ATAM894 Datasheet HTML 58Page - ATMEL Corporation ATAM894 Datasheet HTML 59Page - ATMEL Corporation ATAM894 Datasheet HTML 60Page - ATMEL Corporation ATAM894 Datasheet HTML 61Page - ATMEL Corporation ATAM894 Datasheet HTML 62Page - ATMEL Corporation ATAM894 Datasheet HTML 63Page - ATMEL Corporation ATAM894 Datasheet HTML 64Page - ATMEL Corporation ATAM894 Datasheet HTML 65Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 97 page
background image
61
4679D–4BMCU–05/05
ATAM894
Figure 6-38.
Block Diagram of the Synchronous Serial Interface
6.3.4.3
General SSI Operation
The SSI is comprised essentially of an 8-bit shift register with two associated 8-bit buffers the
receive buffer (SRB) for capturing the incoming serial data and a transmit buffer (STB) for inter-
mediate storage of data to be serially output. Both buffers are directly accessible by software.
Transferring the parallel buffer data into and out of the shift register is controlled automatically by
the SSI control, so that both single byte transfers or continuous bit streams can be supported.
The SSI can generate the shift clock (SC) either from one of several on-chip clock sources or
accept an external clock. The external shift clock is output on, or applied to the Port BP40.
Selection of an external clock source is performed by the Serial Clock Direction control bit
(SCD). In the combinational modes, the required clock is selected by the corresponding timer
mode.
The SSI can operate in three data transfer modes - synchronous 8-bit shift mode, MCL compati-
ble 9-bit shift modes or 8-bit pseudo MCL protocol (without acknowledge-bit).
External SSI clocking is not supported in these modes. The SSI should thus generate and has
full control over the shift clock so that it can always be regarded as an MCL Bus Master device.
All directional control of the external data port used by the SSI is handled automatically and is
dependent on the transmission direction set by the Serial Data Direction (SDD) control bit. This
control bit defines whether the SSI is currently operating in Transmit (TX) mode or Receive (RX)
mode.
Serial data is organized in 8-bit telegrams which are shifted with the most significant bit first. In
the 9-bit MCL mode, an additional acknowledge bit is appended to the end of the telegram for
handshaking purposes (see section ”MCL Bus Protocol” on page 65).
At the beginning of every telegram, the SSI control loads the transmit buffer into the shift register
and proceeds immediately to shift data serially out. At the same time, incoming data is shifted
into the shift register input. This incoming data is automatically loaded into the receive buffer
when the complete telegram has been received. Thus, data can be simultaneously received and
transmitted if required.
8-bit Shift Register
MSB
LSB
Shift_CL
SO
SIC1
SIC2
SISC
SC
Control
STB
SRB
SI
Timer 2/Timer 3
Output
INT3
SC
I/O-bus
I/O-bus
SSI-Control
TOG2
POUT
T1OUT
SYSCL
SO
SI
MCL_SC
SD
MCL_SD
Transmit
Buffer
Receive
Buffer
SCI
/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com