Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FTF3020-C/IG Datasheet(PDF) 10 Page - NXP Semiconductors

Part # FTF3020-C/IG
Description  Full Frame CCD Image Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FTF3020-C/IG Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button FTF3020-C/IG Datasheet HTML 6Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 7Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 8Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 9Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 10Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 11Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 12Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 13Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1999 November
10
Philips Semiconductors
Product specification
Full Frame CCD Image Sensor
FTF3020-C
1 Qmax is determined from the lowpass filtered image.
2 Qmax, shading is the maximum difference of the full-well charges of all pixels, relative to Qmax.
3 The linear full-well capacity Qlin is calculated from linearity test (see dynamic range). The evaluation test guarantees 97% linearity.
4 Charge handling capacity is the largest charge packet that can be transported through the register and read-out through the output buffer.
5 Overexposure over entire area while maintaining good Vertical Anti-Blooming (VAB). It is tested by measuring the dark line.
Figure 9 - Charge handling versus integration/transport voltage
Exposure (arbitrary units)
Charge Handling vs. Integration/Transport Voltage
10V/14V
9V/13V
8V/12V
0
100
200
300
400
500
600
12
3
4
5
6
LINEAR/SATURATION
MIN.
TYPICAL
MAX.
UNIT
Full-well capacity saturation level (Qmax )
1
Full-well capacity shading (Qmax, shading )
2
Full-well capacity linear operation (Qlin )
3
Charge handling capacity
4
Overexposure
5 handling
240
180
500
10
350
600
200
600
50
kel.
%
kel.
kel.
x Qmax level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com