Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FTF3020-C/IG Datasheet(PDF) 11 Page - NXP Semiconductors

Part # FTF3020-C/IG
Description  Full Frame CCD Image Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FTF3020-C/IG Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button FTF3020-C/IG Datasheet HTML 7Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 8Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 9Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 10Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 11Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 12Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 13Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 14Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1999 November
11
Philips Semiconductors
Product specification
Full Frame CCD Image Sensor
FTF3020-C
1
10
100
1000
0
10
2030
4050
60
1 FPN is the one-
σ value of the highpass image.
1 Matching of the four outputs is specified as
∆ACF with respect to reference measured at the operating point (Q
lin/2).
Figure 10 - Dark current versus temperature
Dark Current
DARK CONDITION
MIN.
TYPICAL
MAX.
UNIT
Dark current level @ 30
° C
Dark current level @ 60
° C
Fixed Pattern Noise
1 (FPN) @ 60
° C
RMS readout noise @ 9MHz bandwidth after CDS
20
0.3
15
25
30
0.6
25
30
pA/cm
2
nA/cm
2
el.
el.
OUTPUT BUFFERS
MIN.
TYPICAL
MAX.
UNIT
Conversion factor
Mutual conversion factor matching (
∆ACF)1
Supply current
Bandwidth
Output impedance buffer (R
load = 3.3kΩ, Cload = 2pF)
57.5
0
4.5
110
400
10
2
µV/el.
µV/el.
mA
MHz
Ω
Temp. (oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com