Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FTF3020-C/IG Datasheet(PDF) 14 Page - NXP Semiconductors

Part # FTF3020-C/IG
Description  Full Frame CCD Image Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FTF3020-C/IG Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button FTF3020-C/IG Datasheet HTML 8Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 9Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 10Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 11Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 12Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 13Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 14Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 15Page - NXP Semiconductors FTF3020-C/IG Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
1999 November
14
Philips Semiconductors
Product specification
Full Frame CCD Image Sensor
FTF3020-C
Pin configuration
The FTF3020-C is mounted in a Pin Grid Array (PGA) package with
96 pins in a 20x15 grid of 52.70 x 40.00 mm2. The position of pin A1
(quadrant W) is marked with a gold dot on top of the package.
Figure 12 - FTF3020-C pin configuration (top view)
The image clock phases of quadrant W are internally connected to
X, and Y is connected to Z.
Symbol
Name
Pin # W
Pin # X
Pin # Y
Pin # Z
VNS
VNS
VNS
VNS
VPS
SFD
SFS
VCS
OG
RD
A1
A2
A3
A4
C1
C2
C3
SG
RG
OUT
NC
NC
NC
NC
N substrate
N substrate
N substrate
N substrate
P substrate
Source Follower Drain
Source Follower Source
Current Source
Output Gate
Reset Drain
Image Clock (Phase 1)
Image Clock (Phase 2)
Image Clock (Phase 3)
Image Clock (Phase 4)
Register Clock (Phase 1)
Register Clock (Phase 2)
Register Clock (Phase 3)
Summing Gate
Reset Gate
Output
Not Connected
Not Connected
Not Connected
Not Connected
A1
A5
C2
G1
A2
B2
D2
C1
B3
D1
B5
A3
A4
B4
F2
F1
G2
E1
E2
B1
I1
I2
H1
H2
U1
U5
S2
M1
U2
T2
R2
S1
T3
R1
T5
U3
U4
T4
N2
N1
M2
P1
P2
T1
K1
K2
L1
L2
U10
U6
S9
M10
U9
T9
R9
S10
T8
R10
T6
U8
U7
T7
N9
N10
M9
E10
P9
T10
K10
K9
L10
L9
A10
A6
C9
G10
A9
B9
D9
C10
B8
D10
B6
A8
A7
B7
F9
F10
G9
P10
E9
B10
I10
I9
H10
H9
AB
C
D
E
F
G
H
J
KL
M
N
P
R
S
T
U
10
9
8
7
6
5
4
3
2
1
TOP
Y
Z
X
W
FTF3020-C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com