Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CD7377CZ Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CD7377CZ
Description  7W×4 four-channel audio power amplifier circuit Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CD7377CZ Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CD7377CZ Datasheet HTML 1Page - List of Unclassifed Manufacturers CD7377CZ Datasheet HTML 2Page - List of Unclassifed Manufacturers CD7377CZ Datasheet HTML 3Page - List of Unclassifed Manufacturers CD7377CZ Datasheet HTML 4Page - List of Unclassifed Manufacturers CD7377CZ Datasheet HTML 5Page - List of Unclassifed Manufacturers CD7377CZ Datasheet HTML 6Page - List of Unclassifed Manufacturers CD7377CZ Datasheet HTML 7Page - List of Unclassifed Manufacturers CD7377CZ Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
双极电路
CD7377CZ
7W×4 四通道音频功率放大电路
版本:S-2012-04-A
无 锡 华 润 矽 科 微 电 子 有 限 公 司
第 1 页 共 8 页
1、概述
CD7377CZ 是一块 7W×4 四通道音频功率放大电路,主要应用于汽车音响中作双声
道(双 BTL)、三声道(单 BTL+双通道)或四声道音频功率放大。其特点如下:
● 负载能力强:2×24W(双 BTL,V
CC=14.4V, f=1kHz, THD=10%, RL=4 )
4×7W(每通道,VCC=14.4V,f=1kHz,THD=10%,RL=4)
● 内部增益固定(A
V =26dB / BTL), 外 围 电 路 极 其 简 单
● 优良的 ST-BY 功能(与 CMOS 兼容)
● 开机“噗”声小
● 过电源电压保护功能
● 负载短路保护功能
● 过热保护功能
● 封装形式:FZIP15
2、功能框图与引脚说明
2. 1、功能框图


Similar Part No. - CD7377CZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CD7379 STMICROELECTRONICS-CD7379 Datasheet
587Kb / 7P
4 X 13 - 2 X 38W AUDIO POWER AMPLIFIER 2 X 13 1 X 38W AUDIO POWER AMPLIFIER
Mar-2004
logo
Shenzhenshi YONGFUKANG ...
CD7379CZ YONGFUKANG-CD7379CZ Datasheet
735Kb / 7P
4횞13 - 2횞38W audio power amplifier circuit
More results

Similar Description - CD7377CZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM383 NSC-LM383 Datasheet
92Kb / 6P
7W Audio Power Amplifier
logo
NTE Electronics
NTE1115 NTE-NTE1115 Datasheet
30Kb / 4P
Integrated Circuit Audio Power Amplifier, 7W
NTE1392 NTE-NTE1392 Datasheet
23Kb / 2P
Integrated Circuit Audio Power Amp, 7W
NTE1606 NTE-NTE1606 Datasheet
22Kb / 2P
Integrated Circuit Dual Audio Power Amplifier, 4W to 7W
NTE7101 NTE-NTE7101 Datasheet
22Kb / 2P
Integrated Circuit AF Power Amplifier, 7W
logo
STMicroelectronics
TBA810P STMICROELECTRONICS-TBA810P Datasheet
70Kb / 3P
7W AUDIO AMPLIFIER
logo
Sanyo Semicon Device
LA4742 SANYO-LA4742 Datasheet
106Kb / 9P
45 W Four-Channel Bridge Circuit Power Amplifier
LA4743A SANYO-LA4743A Datasheet
85Kb / 9P
45 W Four-Channel (Bridge Circuit) Power Amplifier
LA4743B SANYO-LA4743B Datasheet
87Kb / 9P
45 W Four-Channel (Bridge Circuit) Power Amplifier
LA47536 SANYO-LA47536 Datasheet
83Kb / 7P
Four-Channel 45 W BTL Car Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com