Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CD7377CZ Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CD7377CZ
Description  7W×4 four-channel audio power amplifier circuit Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CD7377CZ Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  CD7377CZ Datasheet HTML 1Page - List of Unclassifed Manufacturers CD7377CZ Datasheet HTML 2Page - List of Unclassifed Manufacturers CD7377CZ Datasheet HTML 3Page - List of Unclassifed Manufacturers CD7377CZ Datasheet HTML 4Page - List of Unclassifed Manufacturers CD7377CZ Datasheet HTML 5Page - List of Unclassifed Manufacturers CD7377CZ Datasheet HTML 6Page - List of Unclassifed Manufacturers CD7377CZ Datasheet HTML 7Page - List of Unclassifed Manufacturers CD7377CZ Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
双 极 电 路
CD7377CZ
版本:S-2012-04-A
无 锡 华 润 矽 科 微 电 子 有 限 公 司
第 6 页 共 8 页
5. 3、双声道应用线路
6、外形尺寸(单位:mm)
1
2
3
4
5
6
7
8
A
B
C
D
8
7
6
5
4
3
2
1
D
C
B
A
Title
Num ber
Revision
Size
A2
Date:
12-Jun-2005
Sheet
of
File:
F:\lj z990\crhj -y y \应用资料\protel99\LCD7377CZ.ddb
Drawn By :
10
6
2
1
12
11
5
7
4
13
3
9
8
14
15
10u
1000u
104
2200u
224
47u
224
224
224
ST-BY
VIN1
VIN2
VIN3
VIN4
VCC
OUT1
2200u
OUT2
2200u
OUT3
2200u
OUT4
10
6
2
1
12
11
5
7
4
13
3
9
8
14
15
10u
1000u
104
2200u
224
47u
224
224
ST-BY
VIN1
VIN2
VIN3
VCC
OUT1
2200u
OUT2
OUT3
10
6
2
1
12
11
5
7
4
13
3
9
8
14
15
10u
1000u
104
224
47u
224
ST-BY
VIN1
VIN2
VCC
OUT1
OUT2
CD7377CZ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com