Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CD7377CZ Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CD7377CZ
Description  7W×4 four-channel audio power amplifier circuit Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CD7377CZ Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CD7377CZ Datasheet HTML 1Page - List of Unclassifed Manufacturers CD7377CZ Datasheet HTML 2Page - List of Unclassifed Manufacturers CD7377CZ Datasheet HTML 3Page - List of Unclassifed Manufacturers CD7377CZ Datasheet HTML 4Page - List of Unclassifed Manufacturers CD7377CZ Datasheet HTML 5Page - List of Unclassifed Manufacturers CD7377CZ Datasheet HTML 6Page - List of Unclassifed Manufacturers CD7377CZ Datasheet HTML 7Page - List of Unclassifed Manufacturers CD7377CZ Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
双 极 电 路
CD7377CZ
版本:S-2012-04-A
无 锡 华 润 矽 科 微 电 子 有 限 公 司
第 4 页 共 8 页
4、特性曲线
1
2
3
4
A
B
C
D
4
3
2
1
D
C
B
A
60
65
70
75
80
85
90
95
100
105
110
8
9
10
11
12
13
14
15
16
17
18
RL=4Ω
Vi=0
Icc (mA)
Vcc (V)
静态电流----电源电压
1
2
3
4
A
B
C
D
4
3
2
1
D
C
B
A
4
5
6
7
8
9
10
8
9
10
11
12
13
14
15
16
17
18
Vodc (V)
Vcc (V)
RL=4Ω
Vi=0
中点电压----电源电压
1
2
3
4
A
B
C
D
4
3
2
1
D
C
B
A
0
1
2
3
4
5
6
7
8
9
10
11
12
8
9
10
11
12
13
14
15
16
17
18
13
Po
(W)
Vcc (V)
THD=10%
THD=1%
RL=4Ω
f=1kHz
每通道
输出功率---电源电压
1
2
3
4
A
B
C
D
4
3
2
1
D
C
B
A
4
8
12
16
20
24
28
32
36
40
44
8
9
10
11
12
13
14
15
16
17
18
Vcc (V)
Po
(W)
RL=4Ω
f=1kHz
BTL
THD=10%
THD=1%
输出功率---电源电压
1
2
3
4
A
B
C
D
4
3
2
1
D
C
B
A
0.001
0.01
0.1
1
10
THD (%)
Po (W)
0
1
2
3
4
5
6
7
f=1kHz
f=15kHz
RL=4Ω
Vcc=14.4V
每通道
失真---输出功率



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com