Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THGAMRG7T13BAIL Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # THGAMRG7T13BAIL
Description  16GB THGAMRG7T13BAIL
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

THGAMRG7T13BAIL Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button THGAMRG7T13BAIL Datasheet HTML 2Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 3Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 4Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 5Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 6Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 7Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 8Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 9Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
THGAMRG7T13BAIL
6
February 14th, 2019
© 2019 Toshiba Memory Corporation
CSD Register
CSD-slice
Name
Field
Width
Cell Type
Value
[127:126]
CSD structure
CSD_STRUCTURE
2
R
0x3
[125:122]
System specification version
SPEC_VERS
4
R
0x4
[121:120]
Reserved
-
2
R
0x0
[119:112]
Data read access-time 1
TAAC
8
R
0x4F
[111:104]
Data read access-time 2 in CLK cycles
(NSAC * 100)
NSAC
8
R
0x0
[103:96]
Max. bus clock frequency
TRAN_SPEED
8
R
0x32
[95:84]
Device command classes
CCC
12
R
0x8F5
[83:80]
Max. read data block length
READ_BL_LEN
4
R
0x9
[79:79]
Partial blocks for read allowed
READ_BL_PARTIAL
1
R
0x0
[78:78]
Write block misalignment
WRITE_BLK_MISALIGN
1
R
0x0
[77:77]
Read block misalignment
READ_BLK_MISALIGN
1
R
0x0
[76:76]
DSR implemented
DSR_IMP
1
R
0x0
[75:74]
Reserved
-
2
R
0x0
[73:62]
Device size
C_SIZE
12
R
0xFFF
[61:59]
Max. read current @ VDD min.
VDD_R_CURR_MIN
3
R
0x7
[58:56]
Max. read current @ VDD max.
VDD_R_CURR_MAX
3
R
0x7
[55:53]
Max. write current @ VDD min.
VDD_W_CURR_MIN
3
R
0x7
[52:50]
Max. write current @ VDD max.
VDD_W_CURR_MAX
3
R
0x7
[49:47]
Device size multiplier
C_SIZE_MULT
3
R
0x7
[46:42]
Erase group size
ERASE_GRP_SIZE
5
R
0x1F
[41:37]
Erase group size multiplier
ERASE_GRP_MULT
5
R
0x1F
[36:32]
Write protect group size
WP_GRP_SIZE
5
R
0x0F
[31:31]
Write protect group enable
WP_GRP_ENABLE
1
R
0x1
[30:29]
Manufacturer default ECC
DEFAULT_ECC
2
R
0x0
[28:26]
Write speed factor
R2W_FACTOR
3
R
0x2
[25:22]
Max. write data block length
WRITE_BL_LEN
4
R
0x9
[21:21]
Partial blocks for write allowed
WRITE_BL_PARTIAL
1
R
0x0
[20:17]
Reserved
-
4
R
0x0
[16:16]
Content protection application
CONTENT_PROT_APP
1
R
0x0
[15:15]
File format group
FILE_FORMAT_GRP
1
R/W
0x0
[14:14]
Copy flag (OTP)
COPY
1
R/W
0x0
[13:13]
Permanent write protection
PERM_WRITE_PROTECT
1
R/W
0x0
[12:12]
Temporary write protection
TMP_WRITE_PROTECT
1
R/W/E
0x0
[11:10]
File format
FILE_FORMAT
2
R/W
0x0
[9:8]
ECC code
ECC
2
R/W/E
0x0
[7:1]
CRC
CRC
7
R/W/E
CRC
[0]
Not used, always
‘1’
-
1
-
0x1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com