Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THGAMRG7T13BAIL Datasheet(PDF) 16 Page - Toshiba Semiconductor

Part # THGAMRG7T13BAIL
Description  16GB THGAMRG7T13BAIL
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

THGAMRG7T13BAIL Datasheet(HTML) 16 Page - Toshiba Semiconductor

Back Button THGAMRG7T13BAIL Datasheet HTML 12Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 13Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 14Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 15Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 16Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 17Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 18Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 19Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 20Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
THGAMRG7T13BAIL
16
February 14th, 2019
© 2019 Toshiba Memory Corporation
Driver Types Definition
In JEDEC, Driver Type-0 is defined as mandatory for e-MMC HS200&HS400 Device. While four additional Driver
Types (1, 2, 3 and 4) are defined as optional, to allow the support of wider Host loads. The Host may select the most
appropriate Driver Type of the Device (if supported) to achieve optimal signal integrity performance.
Driver Type-0 is targeted for transmission line, based d
istributed system with 50Ω nominal line impedance.
Therefore, it is defined as 50Ω nominal driver. The nominal line impedance should be kept as 50Ω even if Driver Type
would be changed.
For HS200, when tested with CL = 15pF Driver Type-0 shall meet all AC characteristics and HS200 Device output
timing requirements. The test circuit defined in section 10.5.4.3 of JEDEC/MMCA Standard 5.1 is used for testing of
Driver Type-0.
For HS400, when tested with the reference load defined in page 27 HS400 reference load figure, Driver Type-0 or
Driver Type-1 or Driver Type-4 shall meet all AC characteristics and HS400 Device output timing requirements.
Driver
Type
TOSHIBA
e-MMC
Nominal Impedance
(Driver strength)
Approximated driving capability
compared to Type-0
Remark
0
Supported
50 Ω (18mA)
x1
Default Driver Type
1
Supported
33
Ω (27mA)
x1.5
Recommendation at HS400 under the
condition of JEDEC standard
reference load.
2
Supported
66
Ω (14mA)
x0.75
3
Supported
100
Ω (9mA)
x0.5
4
Supported
40
Ω (23mA)
x1.2
Recommendation at HS400 under the
condition of JEDEC standard
reference load.
Note: Nominal impedance is defined by I-V characteristics of output driver at 0.9V when VCCQ = 1.8V.
*
The most suitable setting for user’s operating environment should be selected.
At HS400, Toshiba Memory recommends Driver Type-1 and Type-4. This is because they meet all AC
characteristics and Device output timing requirements under the condition of JEDEC standard reference load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com