Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC47M107S-MS Datasheet(PDF) 13 Page - SMSC Corporation

Part # LPC47M107S-MS
Description  100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M107S-MS Datasheet(HTML) 13 Page - SMSC Corporation

Back Button LPC47M107S-MS Datasheet HTML 9Page - SMSC Corporation LPC47M107S-MS Datasheet HTML 10Page - SMSC Corporation LPC47M107S-MS Datasheet HTML 11Page - SMSC Corporation LPC47M107S-MS Datasheet HTML 12Page - SMSC Corporation LPC47M107S-MS Datasheet HTML 13Page - SMSC Corporation LPC47M107S-MS Datasheet HTML 14Page - SMSC Corporation LPC47M107S-MS Datasheet HTML 15Page - SMSC Corporation LPC47M107S-MS Datasheet HTML 16Page - SMSC Corporation LPC47M107S-MS Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 188 page
background image
Page 13
3 VOLT OPERATION / 5 VOLT TOLERANCE
The LPC47M10x is a 3.3 Volt part. It is intended solely for 3.3V applications. Non-LPC bus pins are 5V tolerant; that
is, the input voltage is 5.5V max, and the I/O buffer output pads are backdrive protected.
The LPC interface pins are 3.3 Volt only. These signals meet PCI DC specifications for 3.3V signaling. These pins
are:
•
LAD[3:0]
•
nLFRAME
•
nLDRQ
•
nLPCPD
The input voltage for all other pins is 5.5V max. These pins include all non-LPC Bus pins and the following pins:
•
nPCI_RESET
•
PCI_CLK
•
SER_IRQ
•
nIO_PME
POWER FUNCTIONALITY
The LPC47M10x has three power planes: VCC, VTR and VREF.
VCC Power
The LPC47M10x is a 3.3 Volt part. The VCC supply is 3.3 Volts (nominal). See the Operational Description Section
and the Maximum Current Values sub-section.
VTR Support
The LPC47M10x requires a trickle supply (VTR) to provide sleep current for the programmable wake-up events in the
PME interface when VCC is removed. The VTR supply is 3.3 Volts (nominal). See the Operational Description
Section. The maximum VTR current that is required depends on the functions that are used in the part. See Trickle
Power Functionality and Maximum Current Values sub-sections. If the LPC47M10x is not intended to provide wake-
up capabilities on standby current, VTR can be connected to VCC. VTR powers the IR interface, the PME configuration
registers and the PME interface. The VTR pin generates a VTR Power-on-Reset signal to initialize these components.
Note: If VTR is to be used for programmable wake-up events when VCC is removed, VTR must be at its full minimum
potential at least 10
μs before Vcc begins a power-on cycle. When VTR and Vcc are fully powered, the potential
difference between the two supplies must not exceed 500mV.
Internal PWRGOOD
An internal PWRGOOD logical control is included to minimize the effects of pin-state uncertainty in the host interface
as Vcc cycles on and off. When the internal PWRGOOD signal is “1” (active), Vcc > 2.3V (nominal), and the
LPC47M10x host interface is active. When the internal PWRGOOD signal is “0” (inactive), Vcc ≤ 2.3V (nominal), and
the LPC47M10x host interface is inactive; that is, LPC bus reads and writes will not be decoded.
The LPC47M10x device pins nIO_PME, CLOCKI32, KDAT, MDAT, IRRX, nRI1, nRI2, RXD2 and most GPIOs (as
input) are part of the PME interface and remain active when the internal PWRGOOD signal has gone inactive,
provided VTR is powered. The IRTX2/GP35, GP53/TXD2(IRTX), GP60/LED1 and GP61/LED2 pins also remain
active when the internal PWRGOOD signal has gone inactive, provided VTR is powered. See Trickle Power
Functionality section. The internal PWRGOOD signal is also used to disable the IR Half Duplex Timeout.
32.768 kHz Trickle Clock Input
The LPC47M10x utilizes a 32.768 kHz trickle input to supply a clock signal for the fan tachometer logic, LED blink
and wake on specific key function. See the following section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com