Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC47M107S-MS Datasheet(PDF) 21 Page - SMSC Corporation

Part # LPC47M107S-MS
Description  100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M107S-MS Datasheet(HTML) 21 Page - SMSC Corporation

Back Button LPC47M107S-MS Datasheet HTML 17Page - SMSC Corporation LPC47M107S-MS Datasheet HTML 18Page - SMSC Corporation LPC47M107S-MS Datasheet HTML 19Page - SMSC Corporation LPC47M107S-MS Datasheet HTML 20Page - SMSC Corporation LPC47M107S-MS Datasheet HTML 21Page - SMSC Corporation LPC47M107S-MS Datasheet HTML 22Page - SMSC Corporation LPC47M107S-MS Datasheet HTML 23Page - SMSC Corporation LPC47M107S-MS Datasheet HTML 24Page - SMSC Corporation LPC47M107S-MS Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 188 page
background image
Page 21
LPC TRANSFER SEQUENCE EXAMPLES
Wait State Requirements
I/O Transfers
The LPC47M10x inserts three wait states for an I/O read and two wait states for an I/O write cycle. A SYNC of 0110
is used for all I/O transfers. The exception to this is for transfers where IOCHRDY has been deasserted (i.e., EPP or
IrCC transfers) in which case the sync pattern of 0110 is used and a large number of syncs may be inserted (up to
330 which corresponds to a timeout of 10us).
DMA Transfers
The LPC47M10x inserts three wait states for a DMA read and four wait states for a DMA write cycle. A SYNC of
0101 is used for all DMA transfers.
See the example timing for the LPC cycles in the “Timing Diagrams” section.
FLOPPY DISK CONTROLLER
The Floppy Disk Controller (FDC) provides the interface between a host microprocessor and the floppy disk drives. The
FDC integrates the functions of the Formatter/Controller, Digital Data Separator, Write Precompensation and Data Rate
Selection logic for an IBM XT/AT compatible FDC. The true CMOS 765B core guarantees 100% IBM PC XT/AT
compatibility in addition to providing data overflow and underflow protection.
The FDC is compatible to the 82077AA using
SMSC's proprietary floppy disk controller core.
FDC INTERNAL REGISTERS
The Floppy Disk Controller contains eight internal registers which facilitate the interfacing between the host
microprocessor and the disk drive. Table 2 shows the addresses required to access these registers. Registers other
than the ones shown are not supported. The rest of the description assumes that the primary addresses have been
selected.
Table 2 - Status, Data and Control Registers
(Shown with base addresses of 3F0 and 370)
PRIMARY
ADDRESS
SECONDARY
ADDRESS
R/W
REGISTER
3F0
3F1
3F2
3F3
3F4
3F4
3F5
3F6
3F7
3F7
370
371
372
373
374
374
375
376
377
377
R
R
R/W
R/W
R
W
R/W
R
W
Status Register A (SRA)
Status Register B (SRB)
Digital Output Register (DOR)
Tape Drive Register (TSR)
Main Status Register (MSR)
Data Rate Select Register (DSR)
Data (FIFO)
Reserved
Digital Input Register (DIR)
Configuration Control Register (CCR)
STATUS REGISTER A (SRA)
Address 3F0 READ ONLY
This register is read-only and monitors the state of the internal interrupt signal and several disk interface pins in PS/2
and Model 30 modes. The SRA can be accessed at any time when in PS/2 mode. In the PC/AT mode the data bus pins
D0 - D7 are held in a high impedance state for a read of address 3F0.
PS/2 Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com