Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC47M107S-MS Datasheet(PDF) 39 Page - SMSC Corporation

Part # LPC47M107S-MS
Description  100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M107S-MS Datasheet(HTML) 39 Page - SMSC Corporation

Back Button LPC47M107S-MS Datasheet HTML 35Page - SMSC Corporation LPC47M107S-MS Datasheet HTML 36Page - SMSC Corporation LPC47M107S-MS Datasheet HTML 37Page - SMSC Corporation LPC47M107S-MS Datasheet HTML 38Page - SMSC Corporation LPC47M107S-MS Datasheet HTML 39Page - SMSC Corporation LPC47M107S-MS Datasheet HTML 40Page - SMSC Corporation LPC47M107S-MS Datasheet HTML 41Page - SMSC Corporation LPC47M107S-MS Datasheet HTML 42Page - SMSC Corporation LPC47M107S-MS Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 188 page
background image
Page 39
READ DELETED DATA
DATA BUS
PHASE
R/W
D7
D6
D5
D4
D3
D2
D1
D0
REMARKS
Command
W
MT MFM SK
0
1
1
0
0
Command Codes
W
0
0
0
0
0
HDS DS1 DS0
W
──────── C ────────
Sector ID information prior to
Command execution.
W
──────── H ────────
W
──────── R ────────
W
──────── N ────────
W
─────── EOT ───────
W
─────── GPL ───────
W
─────── DTL ───────
Execution
Data transfer between the
FDD and system.
Result
R
─────── ST0 ───────
Status information after Com-
mand execution.
R
─────── ST1 ───────
R
─────── ST2 ───────
R
──────── C ────────
Sector ID information after
Command execution.
R
──────── H ────────
R
──────── R ────────
R
──────── N ────────
WRITE DATA
DATA BUS
PHASE
R/W
D7
D6
D5
D4
D3
D2
D1
D0
REMARKS
Command
W
MT MFM
0
0
0
1
0
1
Command Codes
W
0
0
0
0
0
HDS DS1 DS0
W
──────── C ────────
Sector ID information prior to
Command execution.
W
──────── H ────────
W
──────── R ────────
W
──────── N ────────
W
─────── EOT ───────
W
─────── GPL ───────
W
─────── DTL ───────
Execution
Data transfer between the
FDD and system.
Result
R
─────── ST0 ───────
Status information after Com-
mand execution.
R
─────── ST1 ───────
R
─────── ST2 ───────
R
──────── C ────────
Sector ID information after
Command execution.
R
──────── H ────────
R
──────── R ────────
R
──────── N ────────



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com