| Electronic Components Datasheet Search |
|
LAN91C100FD Datasheet(PDF) 23 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LAN91C100FD Datasheet(HTML) 23 Page - SMSC Corporation |
|
23 / 67 page ![]() SMSC DS – LAN91C100FD REV. B Page 23 Rev. 01-20-06 BANK 0 OFFSET NAME TYPE SYMBOL 6 COUNTER REGISTER READ ONLY ECR Counts four parameters for MAC statistics. When any counter reaches 15 an interrupt is issued. All counters are cleared when reading the register and do not wrap around beyond 15. HIGH BYTE NUMBER OF EXC. DEFFERED TX NUMBER OF DEFFERED TX 0 0 0 0 0 0 0 0 LOW BYTE MULTIPLE COLLISION COUNT SINGLE COLLISION COUNT 0 0 0 0 0 0 0 0 Each four bit counter is incremented every time the corresponding event, as defined in the EPH STATUS REGISTER bit description, occurs. Note that the counters can only increment once per enqueued transmit packet, never faster, limiting the rate of interrupts that can be generated by the counters. For example if a packet is successfully transmitted after one collision the SINGLE COLLISION COUNT field is incremented by one. If a packet experiences between 2 to 16 collisions, the MULTIPLE COLLISION COUNT field is incremented by one. If a packet experiences deferral the NUMBER OF DEFERRED TX field is incremented by one, even if the packet experienced multiple deferrals during its collision retries. The COUNTER REGISTER facilitates maintaining statistics in the AUTO RELEASE mode where no transmit interrupts are generated on successful transmissions. Reading the register in the transmit service routine will be enough to maintain statistics. BANK 0 OFFSET NAME TYPE SYMBOL 8 MEMORY INFORMATION REGISTER READ ONLY MIR HIGH BYTE FREE MEMORY AVAILABLE (IN BYTES * 256 * M) 1 1 1 1 1 1 1 1 LOW BYTE MEMORY SIZE (IN BYTES *256 * M) 1 1 1 1 1 1 1 1 FREE MEMORY AVAILABLE - This register can be read at any time to determine the amount of free memory. The register defaults to the MEMORY SIZE upon reset or upon the RESET MMU command. MEMORY SIZE - This register can be read to determine the total memory size. All memory related information is represented in 256 * M byte units, where the multiplier M is determined by the MCR upper byte. These register default to FFh, which should be interpreted as 256. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |